Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5CL-AS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H5CL-AS
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5CL-AS Datasheet(HTML) 3 Page - Omron Electronics LLC

  H5CL-AS Datasheet HTML 1Page - Omron Electronics LLC H5CL-AS Datasheet HTML 2Page - Omron Electronics LLC H5CL-AS Datasheet HTML 3Page - Omron Electronics LLC H5CL-AS Datasheet HTML 4Page - Omron Electronics LLC H5CL-AS Datasheet HTML 5Page - Omron Electronics LLC H5CL-AS Datasheet HTML 6Page - Omron Electronics LLC H5CL-AS Datasheet HTML 7Page - Omron Electronics LLC H5CL-AS Datasheet HTML 8Page - Omron Electronics LLC H5CL-AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
H5CL
H5CL
3
Characteristics
Item
H5CL-A
j (AC models)
H5CL-AD
j (DC models)
Deviation of operating time and
setting error (including temperature
and voltage influences)
Power start:
±0.01% ±0.05 s max. (see note 1)
Signal start:
±0.005% ±0.03 s max. (see note 1)
Signal start, at transistor output model:
±0.005% ±3 ms max. (see note 1 and 2)
If the set value is within the sensor waiting time (250 ms max.) in the case of power start, the
control output of the H5CL will not be turned ON until the sensor waiting time passes.
Insulation resistance
100 M
Ω min. (at 500 VDC) (between current-carrying terminal and exposed
non-current-carrying metal parts, and between non-continuous contacts)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between
current-carrying terminal and exposed
non-current-carrying metal parts)
1,000 VAC, 50/60 Hz for 1 min (between
non-continuous contacts)
1,000 VAC, 50/60 Hz for 1 min (between
current-carrying terminal and exposed
non-current-carrying metal parts, and
between non-continuous contacts)
Impulse withstand voltage
3.0 kV (between power terminals)
4.5 kV (between current-carrying terminal and
exposed non-current-carrying metal parts)
1.0 kV (between power terminals)
1.5 kV (between current-carrying terminal and
exposed non-current-carrying metal parts)
Noise immunity
±1.5 kV (between power terminals)
±600 V (between input terminals),
square-wave noise by noise simulator (pulse
width: 100 ns/1
µs, 1-ns rise)
±480 kV (between power terminals)
±600 V (between input terminals),
square-wave noise by noise simulator (pulse
width: 100 ns/1
µs, 1-ns rise)
Static immunity
Destruction:
15 kV
Malfunction:
8 kV
Vibration resistance
Destruction:
10 to 55 Hz, 0.75-mm single amplitude each in three directions
Malfunction:
10 to 55 Hz, 0.5-mm single amplitude each in three directions
Shock resistance
Destruction:
294 m/s2 (30G) each in three directions
Malfunction:
98 m/s2 (10G) each in three directions
Ambient temperature
Operating:
–10 to 55
°C (–10 to 50 °C if timers are mounted side by side) (with no icing)
Storage:
–25 to 65
°C (with no icing)
Ambient humidity
Operating: 35% to 85%
Life expectancy
Mechanical:
10,000,000 operations min.
Electrical:
100,000 operations min. (3 A at 250 VAC, resistive load)
EMC
(EMI):
EN50081-2
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS):
EN50082-2
Immunity ESD:
EN61000-4-2:4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
ENV50140:
10 V/m (80 MHz to 1 GHz) (level 3)
Immunity Conducted Disturbance: ENV50141:
10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4:2 kV power-line (level 3)
2 kV I/O signal-line (level 4)
Case color
Light gray (Munsell 5Y7/1)
Weight
Approx. 130 g
Approx. 110 g
Note:
1. The values are based on the set value.
2. The value is applied for a minimum pulse width of 1 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com