Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5CL-AS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H5CL-AS
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5CL-AS Datasheet(HTML) 4 Page - Omron Electronics LLC

  H5CL-AS Datasheet HTML 1Page - Omron Electronics LLC H5CL-AS Datasheet HTML 2Page - Omron Electronics LLC H5CL-AS Datasheet HTML 3Page - Omron Electronics LLC H5CL-AS Datasheet HTML 4Page - Omron Electronics LLC H5CL-AS Datasheet HTML 5Page - Omron Electronics LLC H5CL-AS Datasheet HTML 6Page - Omron Electronics LLC H5CL-AS Datasheet HTML 7Page - Omron Electronics LLC H5CL-AS Datasheet HTML 8Page - Omron Electronics LLC H5CL-AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
H5CL
H5CL
4
Nomenclature
Indicator
1. Present Value
Red LEDs with a character height of 12 mm
Note:
The decimal point will flash on the present value dur-
ing the timing operation in the following ranges:
0.1 to 999.9 min, 0 h 01 min to 99 h 59 min, and
0.1 to 999.9 h.
2. Preset Value
Green LEDs with a character height of 8 mm
3. Reset Indicator (orange)
4. Key Protection Indicator (orange)
5. Time Unit Display (orange)
6. Control Output Indicator (orange)
Operation Key
7. Reset (RST) Key
The RST Key initializes the present value and control output.
8. Increment Keys (1 to 4)
Up Keys 1 to 4 increment the preset value.
9. Decrement Keys (1 to 4)
Down Keys 1 to 4 decrement the preset value.
1
2
5
8
4
6
3
7
9
Stick the enclosed label here.
Operation
DIP Switch Setting
Pin no.
Item
OFF
ON
1, 2, 3
Time ranges
See table below.
4
Display modes
Up (Increment)
Down (Decrement)
5
Min. pulse width of inputs
20 ms
1 ms
6
Operating modes
A (signal ON-delay)
F (accumulative operation)
Note:
Set the DIP switch before installation and operation of the Unit. DIP switch setting changes are not effective while the power is on.
Time Ranges
1
2
3
Time range
ON
ON
ON
0.001 to 9.999 s
OFF
OFF
OFF
0.01 to 99.99 s
ON
OFF
OFF
0.1 to 999.9 s
OFF
ON
OFF
1 to 9999 s
ON
ON
OFF
0 min 01 s to 99 min 59 s
OFF
OFF
ON
0.1 to 999.9 min
ON
OFF
ON
0 h 01 min to 99 h 59 min
OFF
ON
ON
0.1 to 999.9 h
Note:
Switches 1 to 6 are all set to OFF before shipping.
(The same switch settings apply to AC and DC models)
Timer Control with Power Start
When using the H5CL with power start, short-circuit the start input and input 0-V terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com