Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC109 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # HC109
Description  Dual J-K Flip-Flop with Set and Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC109 Datasheet(HTML) 4 Page - System Logic Semiconductor

  HC109 Datasheet HTML 1Page - System Logic Semiconductor HC109 Datasheet HTML 2Page - System Logic Semiconductor HC109 Datasheet HTML 3Page - System Logic Semiconductor HC109 Datasheet HTML 4Page - System Logic Semiconductor HC109 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74HC109
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25 °C to
-55°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
4.5
6.0
6
30
35
4.8
24
28
4.0
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLH, tPHL
Maximum Propagation Delay , Set or Reset to Q or
Q (Figures 2 and 4)
2.0
4.5
6.0
230
46
39
290
58
49
345
69
59
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Flip-Flop)
Typical @25°C,VCC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2
f+ICCVCC
40
pF
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25 °C to -55°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, J or K to
Clock (Figure 3)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Clock to
J or K (Figure 3)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time, Set
or Reset Inactive to Clock
(Figure 2)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Set or
Reset (Figure 2)
2.0
4.5
6.0
80
16
14
100
20
17
12
24
20
ns
tw
Minimum Pulse Width,Clock
(Figure 1)
2.0
4.5
6.0
80
16
14
100
20
17
12
24
20
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com