Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC109 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC109
Description  Dual J-K Flip-Flop with Set and Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC109 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC109 Datasheet HTML 1Page - System Logic Semiconductor HC109 Datasheet HTML 2Page - System Logic Semiconductor HC109 Datasheet HTML 3Page - System Logic Semiconductor HC109 Datasheet HTML 4Page - System Logic Semiconductor HC109 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC109
System Logic
Semiconductor
SLS
Dual J -K Flip-Flop with Set and Reset
High-Performance Silicon-Gate CMOS
The SL74HC109 is identical in pinout to the LS/ALS109. The device
inputs are compatible with standard CMOS outputs, with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of two J-K flip-flops with individual set, reset,
and clock inputs. Changes at the inputs are reflected at the outputs
with the next low-to-high transition of the clock. Both Q to Q outputs
are available from each flip-flop.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC109N Plastic
SL74HC109D SOIC
TA = -55° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Set
Reset
Clock
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H
*
H
*
H
H
L
L
L
H
H
H
H
L
Toggle
H
H
L
H
No Change
H
H
H
H
H
L
H
H
L
X
X
No Change
X = Don’t care
*
Both outputs will remain high as long as Set and
Reset are low, but the output states are
unpredictable if Set and Reset go high
simultaneously.
LOGIC DIAGRAM
PIN 16=VCC
PIN 8 = GND


Similar Part No. - HC109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC109 TI1-HC109 Datasheet
855Kb / 19P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - HC109

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
Dual J-K Flip-Flop with Set and Reset
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
Dual J-K Flip-Flop with Set and Reset
June 1997
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
DUAL J-K FLIP-FLOP WITH SET AND RESET
GD74HCT76 ETC1-GD74HCT76 Datasheet
274Kb / 6P
DUAL J-K FLIP-FLOP WITH SET AND RESET & CLEAR
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
Dual j-k Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC112 ONSEMI-MC74HC112_13 Datasheet
138Kb / 7P
Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com