Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC132 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL74HC132
Description  Quad 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC132 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL74HC132 Datasheet HTML 1Page - System Logic Semiconductor SL74HC132 Datasheet HTML 2Page - System Logic Semiconductor SL74HC132 Datasheet HTML 3Page - System Logic Semiconductor SL74HC132 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL74HC132
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VT+max
Maximum Positive-
Going Input
Threshold Voltage
VOUT=0.1 V
I
OUT
≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VT+min
Minimum Positive-
Going Input
Threshold Voltage
VOUT=0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
1.0
2.3
3.0
0.95
2.25
2.95
0.95
2.25
2.95
V
VT-max
Maximum Negative-
Going Input
Threshold Voltage
VOUT=VCC-0.1 V
I
OUT
≤ 20 µA
2.0
4.5
6.0
0.9
2.0
2.6
0.95
2.05
2.65
0.95
2.05
2.65
V
VT-min
Minimum Negative-
Going Input
Threshold Voltage
VOUT=VCC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VHmax
Note
Maximum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
1.2
2.25
3.0
1.2
2.25
3.0
1.2
2.25
3.0
V
VHmin
Note
Minimum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.2
0.4
0.5
0.2
0.4
0.5
0.2
0.4
0.5
V
VOH
Minimum High-Level
Output Voltage
VIN
≤V
T-min or VT+max
I
out
 ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN
≤V
T-min or VT+max
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-Level
Output Voltage
VIN
≥V
T+max
I
OUT
 ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN
≥ V
T+max
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0
µA
6.0
1.0
10
40
µA
Note. VHmin>(VT+min)-(VT-max); VHmax=(VT+max)+(VT-min).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com