Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC132 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC132
Description  Quad 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC132 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC132 Datasheet HTML 1Page - System Logic Semiconductor SL74HC132 Datasheet HTML 2Page - System Logic Semiconductor SL74HC132 Datasheet HTML 3Page - System Logic Semiconductor SL74HC132 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HC132
System Logic
Semiconductor
SLS
Quad 2-Input NAND Gate
with Schmitt-Trigger Inputs
High-Performance Silicon-Gate CMOS
The SL74HC132 is identical in pinout to the LS/ALS132. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC132 can be used to enhance noise immunity or to square
up slowly changing waveforms.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC132N Plastic
SL74HC132D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L


Similar Part No. - SL74HC132

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC138 SLS-SL74HC138 Datasheet
51Kb / 5P
1-of-8 Decoder/Demultiplexer
SL74HC138D SLS-SL74HC138D Datasheet
51Kb / 5P
1-of-8 Decoder/Demultiplexer
SL74HC138N SLS-SL74HC138N Datasheet
51Kb / 5P
1-of-8 Decoder/Demultiplexer
SL74HC139 SLS-SL74HC139 Datasheet
46Kb / 5P
Dual 1-of-4 Decoder/Demultiplexer
SL74HC139D SLS-SL74HC139D Datasheet
46Kb / 5P
Dual 1-of-4 Decoder/Demultiplexer
More results

Similar Description - SL74HC132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com