Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC154 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HC154
Description  1- of-16 Decoder/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC154 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HC154 Datasheet HTML 1Page - System Logic Semiconductor SL74HC154 Datasheet HTML 2Page - System Logic Semiconductor SL74HC154 Datasheet HTML 3Page - System Logic Semiconductor SL74HC154 Datasheet HTML 4Page - System Logic Semiconductor SL74HC154 Datasheet HTML 5Page - System Logic Semiconductor SL74HC154 Datasheet HTML 6Page - System Logic Semiconductor SL74HC154 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL74HC154
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A to
Output Y (Figures 1and 3)
2.0
4.5
6.0
190
38
32
240
48
41
285
57
48
ns
tPLH, tPHL
Maximum Propagation Delay , CS to
Output Y (Figures 2 and 3)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 3)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
80
pF
FUNCTION TABLE
Inputs
Outputs
CS1 CS2 A3 A2
A1 A0
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9 Y10 Y11 Y12 Y13 Y14 Y15
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
H
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
H
L
L
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
L
L
L
H
L
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
L
L
H
H
L
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
L
L
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
L
H
L
L
L
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
L
L
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
L
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
L
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
L
L
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com