Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC154 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC154
Description  1- of-16 Decoder/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC154 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC154 Datasheet HTML 1Page - System Logic Semiconductor SL74HC154 Datasheet HTML 2Page - System Logic Semiconductor SL74HC154 Datasheet HTML 3Page - System Logic Semiconductor SL74HC154 Datasheet HTML 4Page - System Logic Semiconductor SL74HC154 Datasheet HTML 5Page - System Logic Semiconductor SL74HC154 Datasheet HTML 6Page - System Logic Semiconductor SL74HC154 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SL74HC154
System Logic
Semiconductor
SLS
1- of-16 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HC154 is identical in pinout to the LS/ALS154. The
device inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LS/ALSTTL outputs.
This device, when enabled, selects one of 16 active-low outputs.
Two active-low Chip Selects are provided to facilitate the chip-select,
demultiplexing, and cascading functions. When either Chip Select is
high,
all
outputs
are
high.
The
demultiplexing
function
is
accomplished by using the Address inputs to select the desired
device output.
The SL74HC154 is primarily used for memory address decoding
and data routing applications.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC154N Plastic
SL74HC154D SOIC
TA = -55
° to 125° C for all
packages
LOGIC DIAGRAM
PIN 24 =VCC
PIN 12 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC154

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC151D SLS-SL74HC151D Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC151N SLS-SL74HC151N Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC153 SLS-SL74HC153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
SL74HC153D SLS-SL74HC153D Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
More results

Similar Description - SL74HC154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F154 PHILIPS-74F154 Datasheet
84Kb / 8P
1-of-16 decoder/demultiplexer
1990 Jan 08
HEF4514B PHILIPS-HEF4514B Datasheet
73Kb / 6P
1-of-16 decoder/demultiplexer with input latches
January 1995
HEF4515B PHILIPS-HEF4515B Datasheet
74Kb / 6P
1-of-16 decoder/demultiplexer with input latches
January 1995
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HC154 INTEGRAL-IN74HC154 Datasheet
126Kb / 6P
1-OF-16 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
logo
Nexperia B.V. All right...
HEF4515B NEXPERIA-HEF4515B Datasheet
193Kb / 7P
1-of-16 decoder/demultiplexer with input latches
January 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com