Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC0750LR60C Datasheet(PDF) 90 Page - NEC

Part # MPC0750LR60C
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPC0750LR60C Datasheet(HTML) 90 Page - NEC

Back Button MPC0750LR60C Datasheet HTML 86Page - NEC MPC0750LR60C Datasheet HTML 87Page - NEC MPC0750LR60C Datasheet HTML 88Page - NEC MPC0750LR60C Datasheet HTML 89Page - NEC MPC0750LR60C Datasheet HTML 90Page - NEC MPC0750LR60C Datasheet HTML 91Page - NEC MPC0750LR60C Datasheet HTML 92Page - NEC MPC0750LR60C Datasheet HTML 93Page - NEC MPC0750LR60C Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Power Inductors VOL.10
90
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
Shape and Dimensions
●SBC1Series(SBC1-□□□-○○○)
●SBC3Series(SBC3-□□□-○○○)
●SBC4Series(SBC4-□□□-○○○)
●SBC2Series(SBC2-□□□-○○○)
[mm]
+1.0
–0.5
3.5
8.5
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
6.0±1.0
ø0.5 (CP wire)
10.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
5.0±1.0
ø0.6 (CP wire)
11.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
+1.0
–0.5
3.
5
9.0
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
+1.0
–0.5
3.5
12
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
5.0±1.0
ø0.6 (CP wire)
14.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
5.5±1.0
ø0.6 (CP wire)
10.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
+1.0
–0.5
3.5
8.0
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
Lead diam.
ø0.30
ø0.30
ø0.30
ø0.30
ø0.30
ø0.30
ø0.30
ø0.30
ø0.28
ø0.24
Model
SBC1-1R0-312
SBC1-1R5-292
SBC1-2R2-272
SBC1-3R3-232
SBC1-4R7-202
SBC1-6R8-182
SBC1-100-172
SBC1-150-162
SBC1-220-132
SBC1-330-102
SBC3-1R2-752
SBC3-1R5-632
SBC3-2R2-602
SBC3-3R3-472
SBC3-4R7-422
SBC3-6R8-392
SBC3-100-362
SBC3-150-232
SBC3-220-202
SBC3-330-172
SBC3-470-142
SBC3-680-112
SBC3-101-961
SBC3-151-791
Model
ø0.80
ø0.70
ø0.70
ø0.60
ø0.60
ø0.60
ø0.60
ø0.50
ø0.45
ø0.40
ø0.40
ø0.35
ø0.32
ø0.30
Lead diam.
SBC4-1R0-742
SBC4-1R5-712
SBC4-2R7-662
SBC4-3R3-642
SBC4-4R7-582
SBC4-6R8-452
SBC4-100-292
SBC4-150-232
SBC4-220-202
SBC4-330-182
SBC4-470-162
SBC4-680-122
SBC4-101-102
SBC4-151-861
Model
ø0.80
ø0.80
ø0.80
ø0.80
ø0.70
ø0.60
ø0.50
ø0.45
ø0.45
ø0.45
ø0.45
ø0.35
ø0.32
ø0.32
Lead diam.
Model
SBC2-1R0-612
SBC2-1R5-402
SBC2-3R3-352
SBC2-4R7-262
SBC2-6R8-242
SBC2-100-212
SBC2-150-162
SBC2-220-132
SBC2-330-112
SBC2-470-951
SBC2-680-871
Lead diam.
ø0.60
ø0.50
ø0.45
ø0.40
ø0.40
ø0.40
ø0.35
ø0.32
ø0.28
ø0.28
ø0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com