Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC0750LR60C Datasheet(PDF) 91 Page - NEC

Part # MPC0750LR60C
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPC0750LR60C Datasheet(HTML) 91 Page - NEC

Back Button MPC0750LR60C Datasheet HTML 87Page - NEC MPC0750LR60C Datasheet HTML 88Page - NEC MPC0750LR60C Datasheet HTML 89Page - NEC MPC0750LR60C Datasheet HTML 90Page - NEC MPC0750LR60C Datasheet HTML 91Page - NEC MPC0750LR60C Datasheet HTML 92Page - NEC MPC0750LR60C Datasheet HTML 93Page - NEC MPC0750LR60C Datasheet HTML 94Page - NEC MPC0750LR60C Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
Power Inductors VOL.10
91
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
Shape and Dimensions
[mm]
●SBC8Series(SBC8-□□□-○○○)
●SBC6Series(SBC6-□□□-○○○)
●SBC7Series(SBC7-□□□-○○○)
●SBC9Series(SBC9-□□□-○○○)
+1.0
–0.5
3.5
15
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
8.5±1.0
ø1.0 (CP wire)
22.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
+1.0
–0.5
3.5
12
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
6.5±1.0
ø0.8 (CP wire)
18.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
+1.0
–0.5
3.5
19
max.
1.0
max.
(Non-soldered part)
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
+1.0
–0.5
3.5
14
max.
1.0
max.
(Non-soldered) part
[Soft leads]
*Lead pitch is a reference value at
the root end.
*Integrated soft/hard lead structure.
Inductance
8.5±1.0
ø1.0 (CP wire)
17.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
6.5±1.0
ø0.8 (CP wire)
15.5
max.
[Hard leads]
*Lead pitch is a value at the root end.
*With phenolic resin base.
Inductance
SBC6-1R0-962
SBC6-1R5-942
SBC6-2R7-872
SBC6-3R3-852
SBC6-4R7-802
SBC6-6R8-662
SBC6-100-462
SBC6-150-382
SBC6-220-302
SBC6-330-272
SBC6-470-232
SBC6-680-222
SBC6-101-172
SBC6-151-122
SBC6-221-112
SBC6-331-871
SBC6-471-701
Model
ø1.20
ø1.20
ø1.20
ø1.20
ø1.20
ø1.00
ø0.80
ø0.70
ø0.60
ø0.60
ø0.60
ø0.60
ø0.55
ø0.45
ø0.40
ø0.40
ø0.35
Lead diam.
SBC8-6R8-862
SBC8-100-692
SBC8-150-532
SBC8-220-492
SBC8-330-452
SBC8-470-372
SBC8-680-322
SBC8-101-242
SBC8-151-202
SBC8-221-182
SBC8-331-142
SBC8-471-112
SBC8-681-102
SBC8-102-761
Model
ø1.20
ø1.00
ø0.90
ø0.90
ø0.90
ø0.90
ø0.80
ø0.70
ø0.60
ø0.60
ø0.55
ø0.45
ø0.45
ø0.40
Lead diam.
SBC9-1R0-982
SBC9-1R5-942
SBC9-2R2-792
SBC9-3R3-622
SBC9-4R7-562
SBC9-6R8-492
SBC9-100-422
SBC9-150-362
SBC9-220-312
SBC9-330-252
SBC9-470-202
SBC9-680-152
SBC9-101-122
SBC9-151-112
SBC9-221-821
SBC9-331-671
Model
ø1.20
ø1.20
ø1.00
ø0.90
ø0.80
ø0.70
ø0.70
ø0.70
ø0.70
ø0.60
ø0.55
ø0.45
ø0.40
ø0.40
ø0.35
ø0.32
Lead diam.
SBC7-6R8-612
SBC7-100-532
SBC7-150-482
SBC7-220-432
SBC7-330-342
SBC7-470-282
SBC7-680-222
SBC7-101-192
SBC7-151-172
SBC7-221-132
SBC7-331-941
SBC7-471-851
SBC7-681-701
Model
ø0.90
ø0.90
ø0.90
ø0.90
ø0.80
ø0.70
ø0.60
ø0.60
ø0.60
ø0.50
ø0.40
ø0.40
ø0.35
Lead diam.
Numbering System
SBC 1 - 101 - 571
① Series
Core size
Model numbers and Core sizes
The model numbers are classified according to core size as shown below.
Inductance:
Rated current:
*The presence of an external tube may not be indicated on the surface of sample products.
②
③
10×101=100(μH)
④
57×101=570(mA)
SBC1 Series
ø4.5
6.5
SBC2 Series
ø6.0
6.0
SBC3 Series
ø8.0
7.0
SBC4 Series
ø8.0 10.0
SBC6 Series
ø11.0 13.0
SBC7 Series
ø14.0 12.0
SBC8 Series
ø14.0 17.0
SBC9 Series
ø11.0 10.0
Core size [mm]
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com