Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC0G337M Datasheet(PDF) 8 Page - NEC

Part # ESVC0G337M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC0G337M Datasheet(HTML) 8 Page - NEC

  ESVC0G337M Datasheet HTML 1Page - NEC ESVC0G337M Datasheet HTML 2Page - NEC ESVC0G337M Datasheet HTML 3Page - NEC ESVC0G337M Datasheet HTML 4Page - NEC ESVC0G337M Datasheet HTML 5Page - NEC ESVC0G337M Datasheet HTML 6Page - NEC ESVC0G337M Datasheet HTML 7Page - NEC ESVC0G337M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
37
20
6.8
B2
ESVB21D685M
1.3
6
2.8
10
8
± 5%
±10%
10
B2
ESVB21D106M
2
6
2.5
10
8
± 5%
±10%
15
C
ESVC1D156M
3
6
1.7
10
8
± 5%
±10%
22
B2
ESVB21D226M
4.4
6
3
10
8
±20%
±20%
22
C2
ESVC21D226M
4.4
6
1.4
10
8
±12%
±12%
22
C
ESVC1D226M
4.4
6
1.4
10
8
±12%
±12%
22
D
ESVD1D226M
4.4
6
0.8
10
8
± 5%
±10%
33
D
ESVD1D336M
6.6
6
0.8
10
8
± 5%
±10%
47
C
ESVC1D476M
9.4
6
1
10
8
±12%
±12%
47
D
ESVD1D476M
9.4
6
0.7
10
8
± 5%
±10%
25
0.47
A
ESVA1E474M
0.5
4
13
8
6
± 5%
±10%
0.68
A
ESVA1E684M
0.5
6
9
10
8
± 5%
±10%
1
P
ESVP1E105M
0.5
6
8
10
8
±20%
±20%
1
A2
ESVA21E105M
0.5
6
13
10
8
±12%
±12%
1
A
ESVA1E105M
0.5
6
8
10
8
± 5%
±10%
2.2
A
ESVA1E225M
0.5
6
7
10
8
±12%
±12%
3.3
A
ESVA1E335M
0.8
6
7
10
8
±12%
±12%
4.7
B3
ESVB31E475M
1.1
6
3
10
8
±15%
±15%
4.7
B2
ESVB21E475M
1.1
6
3
10
8
± 5%
±10%
6.8
B2
ESVB21E685M
1.7
6
2.5
10
8
± 5%
±10%
10
C2
ESVC21E106M
2.5
6
2
10
8
±12%
±12%
10
C
ESVC1E106M
2.5
6
1.5
10
8
± 5%
±10%
15
C
ESVC1E156M
3.7
6
1.5
10
8
±12%
±12%
22
D
ESVD1E226M
5.5
6
0.8
10
8
± 5%
±10%
33
D
ESVD1E336M
8.2
6
0.7
10
8
± 5%
±10%
35
0.47
A
ESVA1V474M
0.5
6
12
10
8
± 5%
±10%
0.68
A
ESVA1V684M
0.5
6
8
10
8
± 5%
±10%
1
A2
ESVA21V105M
0.5
6
13
10
8
±12%
±12%
1
A
ESVA1V105M
0.5
6
7
10
8
±12%
±12%
1.5
A
ESVA1V155M
0.5
6
7
10
8
±12%
±12%
2.2
A
ESVA1V225M
0.7
6
5
10
8
±12%
±12%
2.2
B2
ESVB21V225M
0.7
6
4
10
8
± 5%
±10%
3.3
B3
ESVB31V335M
1.1
6
3
10
8
±15%
±15%
3.3
B2
ESVB21V335M
1.1
6
3.5
10
8
± 5%
±10%
4.7
C
ESVC1V475M
1.6
6
2.2
10
8
± 5%
±10%
6.8
C
ESVC1V685M
2.3
6
1.9
10
8
± 5%
±10%
10
C
ESVC1V106M
3.5
6
1.5
10
8
± 5%
±10%
10
D
ESVD1V106M
3.5
6
1
10
8
± 5%
±10%
15
D
ESVD1V156M
5.2
6
0.9
10
8
± 5%
±10%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
( F)
Rated
Capacitance Change
at Endurance
-55℃
+125℃
Soldering Heat
at Resistance to
at Damp Heat
at Surge Voltage
Leakage
Current
Max
DF
Max
ESR
Max
(%)
( A)
DF (%) Max
(
)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com