Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC0G337M Datasheet(PDF) 1 Page - NEC

Part # ESVC0G337M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC0G337M Datasheet(HTML) 1 Page - NEC

  ESVC0G337M Datasheet HTML 1Page - NEC ESVC0G337M Datasheet HTML 2Page - NEC ESVC0G337M Datasheet HTML 3Page - NEC ESVC0G337M Datasheet HTML 4Page - NEC ESVC0G337M Datasheet HTML 5Page - NEC ESVC0G337M Datasheet HTML 6Page - NEC ESVC0G337M Datasheet HTML 7Page - NEC ESVC0G337M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
Manganese dioxide type
E/SV Series
Standard / RoHS Compliant
30
(Unit: mm)
í FEATURES
b Lead-free Type. RoHS Compliant.
b Offer a range of small, high-capacity models.
b Succeed to the latest technology plus outstanding peformance.
b Halogen free, Antimony free and Red Phosphorous free resin is applied to the exterior mold resin.
í DIMENSIONS [mm]
Case
EIA code
L
W1
W2
H
Z
Code
J
–
1.6 ± 0.1
0.8 ± 0.1
0.6 ± 0.1
0.8 ± 0.1
0.3 ± 0.15
P
2012
2.0 ± 0.2
1.25 ± 0.2
0.9 ± 0.1
1.1 ± 0.1
0.5 ± 0.1
A2 (U)
3216L
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
A
3216
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.6 ± 0.2
0.8 ± 0.2
B3 (W)
3528L
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
B2 (S)
3528
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.9 ± 0.2
0.8 ± 0.2
C2
–
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
1.4 ± 0.1
1.3 ± 0.2
C
6032
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
2.5 ± 0.2
1.3 ± 0.2
V
–
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
1.9 ± 0.1
1.3 ± 0.2
D
7343
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
2.8 ± 0.2
1.3 ± 0.2
ZZ
H
LW1
W2
[J, P, A2, A cases]
[B3, B2 cases]
[C2, C, V, D cases]
ZZ
H
LW1
W2
ZZ
H
L
W2
W1


Similar Part No. - ESVC0G337M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ESV-100-EF FESTO-ESV-100-EF Datasheet
79Kb / 1P
Vacuum cup without connector
6/19/22
ESV-100-EN FESTO-ESV-100-EN Datasheet
75Kb / 1P
Vacuum cup without connector
6/19/22
ESV-100-ES FESTO-ESV-100-ES Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
ESV-100-EU FESTO-ESV-100-EU Datasheet
86Kb / 1P
Vacuum cup without connector
6/19/22
ESV-100-GT FESTO-ESV-100-GT Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
More results

Similar Description - ESVC0G337M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESDC-10-5-75 MACOM-ESDC-10-5-75 Datasheet
126Kb / 1P
E-Series Coupler
logo
M/A-COM Technology Solu...
MACP-009736-CD0160_V2 MA-COM-MACP-009736-CD0160_V2 Datasheet
362Kb / 4P
E-Series Coupler
MAMXES0108_V3 MA-COM-MAMXES0108_V3 Datasheet
193Kb / 3P
E-Series Mixer
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
F/SV Series
SVZB21A106M NEC-SVZB21A106M Datasheet
151Kb / 5P
SV/Z Series
logo
M/A-COM Technology Solu...
MACP-007984-MDC201 MA-COM-MACP-007984-MDC201 Datasheet
45Kb / 2P
E-Series Coupler
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160 Datasheet
132Kb / 3P
E-Series Coupler
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160 Datasheet
362Kb / 4P
E-Series Coupler
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160_15 Datasheet
132Kb / 3P
E-Series Coupler
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
SV Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com