Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC165 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # HC165
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC165 Datasheet(HTML) 5 Page - System Logic Semiconductor

  HC165 Datasheet HTML 1Page - System Logic Semiconductor HC165 Datasheet HTML 2Page - System Logic Semiconductor HC165 Datasheet HTML 3Page - System Logic Semiconductor HC165 Datasheet HTML 4Page - System Logic Semiconductor HC165 Datasheet HTML 5Page - System Logic Semiconductor HC165 Datasheet HTML 6Page - System Logic Semiconductor HC165 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SL74HC165
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Parallel
Data Inputs to Serial
Shift/Parallel Load (Figure 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tSU
Minimum Setup Time, Input SA
to Clock (or Clock Inhibit)
(Figure 5)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tSU
Minimum Setup Time, Serial
Shift/Parallel Load to Clock (or
Clock Inhibit) (Figure 6)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tSU
Minimum Setup Time, Clock to
Clock Inhibit (Figure 7)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Serial
Shift/Parallel Load to Parallel
Data Inputs (Figure 4)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
th
Minimum Hold Time, Clock (or
Clock Inhibit) to Input SA
(Figure 5)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
th
Minimum Hold Time, Clock (or
Clock Inhibit) to Serial
Shift/Parallel Load (Figure 6)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimu m Recovery Time,
Clock to Clock Inhibit
(Figure 7)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tw
Minimum Pulse Width, Clock
(or Clock Inhibit) (Figure 1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Serial
Shift/Parallel Load (Figure 2)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com