Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC165 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC165
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC165 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC165 Datasheet HTML 1Page - System Logic Semiconductor HC165 Datasheet HTML 2Page - System Logic Semiconductor HC165 Datasheet HTML 3Page - System Logic Semiconductor HC165 Datasheet HTML 4Page - System Logic Semiconductor HC165 Datasheet HTML 5Page - System Logic Semiconductor HC165 Datasheet HTML 6Page - System Logic Semiconductor HC165 Datasheet HTML 7Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SL74HC165
System Logic
Semiconductor
SLS
8-Bit Serial or Parallel-Input/
Serial-Output Shift Register
High-Performance Silicon-Gate CMOS
The SL74HC165 is identical in pinout to the LS/ALS165. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device is an 8-bit shift register with complementary outputs
from the last stage. Data may be loaded into the register either in
parallel or in serial form. When the Serial Shift/ Parallel Load input is
low, the data is loaded asynchronously in parallel. When the Serial
Shift/Parallel Load input is high, the data is loaded serially on the rising
edge of either Clock or Clock Inhibit (see the Function Table).
The 2-input NOR clock may be used either by combining two
independent clock sources or by designating one of the clock inputs to
act as a clock inhibit.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC165N Plastic
SL74HC165D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16=VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Internal Stages
Output
Operation
Serial Shift/
Parallel Load
Clock
Clock
Inhibit
SA
A-H
QA
QB-QG
QH
L
H
X
X
a...h
a
b-g
h
Asynchronous Parallel Load
H
L
L
X
L
QAn-QFn
QGn
Serial Shift via Clock
H
L
H
X
H
QAn-QFn
QGn
H
L
L
X
L
QAn-QFn
QGn
Serial Shift via Clock
H
L
H
X
H
QAn-QFn
QGn
Inhibit
H
X
H
X
X
no change
Inhibited Clock
H
H
X
X
X
H
L
L
X
X
no change
No Clock
X = Don’t Care
QAn-QFn = Data shifted from the preceding stage
PIN ASSIGNMENT


Similar Part No. - HC165

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC1650U03-200 YANTEL-HC1650U03-200 Datasheet
1Mb / 5P
90 Degree Hybrid 1.55GHz-1.75 GHz
logo
ON Semiconductor
HC165AG ONSEMI-HC165AG Datasheet
135Kb / 12P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Texas Instruments
HC165Q1 TI-HC165Q1 Datasheet
236Kb / 11P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results

Similar Description - HC165

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com