Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC245 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC245
Description  Octal 3-State Noninverting Bus Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC245 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC245 Datasheet HTML 1Page - System Logic Semiconductor HC245 Datasheet HTML 2Page - System Logic Semiconductor HC245 Datasheet HTML 3Page - System Logic Semiconductor HC245 Datasheet HTML 4Page - System Logic Semiconductor HC245 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC245
System Logic
Semiconductor
SLS
Octal 3-State Noninverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The SL74HC245 is identical in pinout to the LS/ALS245. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC245 is a 3-state noninverting transceiver that is used
for 2-way asynchronous communication between data buses. The
device has an active-low Output Enable pin, which is used to place the
I/O ports into high-impedance states. The Direction control determines
whether data flows from A to B or from B to A.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC245N Plastic
SL74HC245D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to Bus
A
L
H
Data Transmitted
from Bus A to Bus
B
H
X
Buses Isolated
(High Impedance
State)
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Similar Part No. - HC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HC245A ONSEMI-HC245A Datasheet
91Kb / 7P
Octal 3-State Noninverting Bus Transceiver
November, 2014 ??Rev. 16
More results

Similar Description - HC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
Octal 3-State Noninverting Bus Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com