Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Toolstick-BA Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Toolstick-BA
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Toolstick-BA Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Toolstick-BA Datasheet HTML 3Page - Silicon Laboratories Toolstick-BA Datasheet HTML 4Page - Silicon Laboratories Toolstick-BA Datasheet HTML 5Page - Silicon Laboratories Toolstick-BA Datasheet HTML 6Page - Silicon Laboratories Toolstick-BA Datasheet HTML 7Page - Silicon Laboratories Toolstick-BA Datasheet HTML 8Page - Silicon Laboratories Toolstick-BA Datasheet HTML 9Page - Silicon Laboratories Toolstick-BA Datasheet HTML 10Page - Silicon Laboratories Toolstick-BA Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si4010-DK
Rev. 0.1
7
1.2. Other Boards
The following boards are not part of the development kit but can be ordered separately from Silicon Labs.
1.2.1. Si4010 SOIC Key Fob Development Board 434 MHz, SMA
This board is similar to the board described in “1.1.3. Si4010 MSOP Key Fob Development Board 434 MHz, SMA
(P/N 4010-DKPB434-BM)” but contains the SOIC package version of the Si4010.
1.2.2. Si4010 Key Fob Development Board 434 MHz
This is also a key fob development board, but with a pcb antenna instead of the SMA connector.
Part Number
Description
4010-DKPB434-BS
Si4010 SOIC key fob development board 434 MHz, SMA
4010-DKPB_434
Si4010 key fob development board 434 MHz
4010-DKMX_434
Si4010 matrix keyboard development board 434 MHz
4010-KFOB-315-NF
Si4010 key fob demo board 315 MHz w/o IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com