Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Toolstick-BA Datasheet(PDF) 12 Page - Silicon Laboratories

Part # Toolstick-BA
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Toolstick-BA Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button Toolstick-BA Datasheet HTML 8Page - Silicon Laboratories Toolstick-BA Datasheet HTML 9Page - Silicon Laboratories Toolstick-BA Datasheet HTML 10Page - Silicon Laboratories Toolstick-BA Datasheet HTML 11Page - Silicon Laboratories Toolstick-BA Datasheet HTML 12Page - Silicon Laboratories Toolstick-BA Datasheet HTML 13Page - Silicon Laboratories Toolstick-BA Datasheet HTML 14Page - Silicon Laboratories Toolstick-BA Datasheet HTML 15Page - Silicon Laboratories Toolstick-BA Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Si4010-DK
12
Rev. 0.1
Facts about using the LED with IDE chain:
1.
The IDE chain can connect to the device only if the LED current driver is off and the LED is not lit.
2.
Once the IDE chain is connected to the device it blocks the device LED driver. Therefore, the application
can be written in a normal fashion using LED as desired in the final application without worry of being dis-
connected from the debug chain. The only limitation is that the LED will not be lit from the application dur-
ing the IDE debug session. The user will still observe LED activity, but that activity is related to the debug
chain communicating with the device, not the user application driving the LED.
3.
Once the IDE chain is disconnected from the device (for example, by pressing the Disconnect button in
the IDE), the device is released from halt and at the same time the blocking of the LED driver is removed.
From that point on, the application behaves and runs as a regular application and the LED activity reflects
what the application desires to do with the LED.
4.
If the user wants to reconnect the IDE to the device the only requirement is that the LED must not be lit by
the application and the C2 debug interface must be active, not being actively turned off by the application.
Therefore, if the device user software is stuck in an infinite loop and driving the LED constantly or the C2
interface was turned off by the application, the IDE chain will not be able to connect to the device. In such
a situation, the device power has to be cycled to invoke internal power on reset. (See item 1 above.)
Cycling the power to the part in this context means either physical removal of the power to the device or
calling the vSys_Shutdown() function from within the application, which achieves the same result.
2.8. Hardware Issue with Debugging LED Application
There is an issue with the LED turning on and off and the functionality of the GPI04. There is no issue when the
part is programmed as the Run part and runs the final application code. Therefore, the issue affects only the
application development. There are several possible software workarounds, depending on the approach the user
wants to take.
2.8.1. Application LED Control
The user can control the LED intensity and whether the LED is on or off. The LED intensity has 4 values, 0 to 3:
Off, 0.3 mA, 0.6 mA, and 1 mA current. The user can set the intensity any time, but the LED is not going to be
turned on until the GPIO_LED is set to 1. The GPIO_LED is an alias for the P0.5 bit.
After the reset the P0.5 bit is set to 1, so it is recommended that the user use GPIO_LED = 0 at the beginning of the
user application.
To turn the LED off at the very beginning of the user application:
/* Clear the GPIO_LED.. reset will set this bit! */
GPIO_LED = 0;
To turn the LED on and off inside the user application:
/* Set LED intensity .. acceptable values are 0 (off) or 1, 2, and 3 */
vSys_LedIntensity( 3 );
…
/* To turn the LED on at currently set intensity */
GPIO_LED = 1;
…
/* To turn the LED off, keep the intensity setting */
GPIO_LED = 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com