Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC258 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC258
Description  Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC258 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC258 Datasheet HTML 1Page - System Logic Semiconductor SL74HC258 Datasheet HTML 2Page - System Logic Semiconductor SL74HC258 Datasheet HTML 3Page - System Logic Semiconductor SL74HC258 Datasheet HTML 4Page - System Logic Semiconductor SL74HC258 Datasheet HTML 5Page - System Logic Semiconductor SL74HC258 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL74HC258
System Logic
Semiconductor
SLS
Quad 2-Input Data Selectors/Multiplexer
with 3-State Outputs
High-Performance Silicon-Gate CMOS
The SL74HC258 is identical in pinout to the LS/ALS258. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device selects a (4-bit) nibble from either the A or B inputs as
determined by the Select input. The nibble is presented at the outputs
in inverted form when the Output Enable pin is at a low level. A high
level on the Output Enable pin switches the outputs into the high-
impedance state.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC258N Plastic
SL74HC258D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Output
Enable
Select
Y0-Y3
H
X
Z
L
L
A0-A3
L
H
B0-B3
X=don’t care
Z = high-impedance state
A0-A3,B0-B3=the levels of the respective
Nibble Inputs
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC258

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC251D SLS-SL74HC251D Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC251N SLS-SL74HC251N Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC253 SLS-SL74HC253 Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
SL74HC253D SLS-SL74HC253D Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
More results

Similar Description - SL74HC258

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC157 SLS-SL74HC157 Datasheet
44Kb / 5P
Quad 2-Input Data Selectors/Multiplexer
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC157A INTEGRAL-IN74HC157A Datasheet
62Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74HCT157A INTEGRAL-IN74HCT157A Datasheet
139Kb / 5P
QUAD 2-INPUT DATA SELECTORS/MULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC258A KODENSHI-KK74HC258A Datasheet
226Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
KK74HC157A KODENSHI-KK74HC157A Datasheet
216Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
logo
IK Semicon Co., Ltd
IN74HC258A IKSEMICON-IN74HC258A Datasheet
212Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC157A IKSEMICON-IN74HC157A Datasheet
155Kb / 6P
Quad 2-Input Data Selectors/Multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com