Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F11SC Datasheet(PDF) 2 Page - Texas Instruments

Part # 74F11SC
Description  Triple 3-Input AND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F11SC Datasheet(HTML) 2 Page - Texas Instruments

  74F11SC Datasheet HTML 1Page - Texas Instruments 74F11SC Datasheet HTML 2Page - Texas Instruments 74F11SC Datasheet HTML 3Page - Texas Instruments 74F11SC Datasheet HTML 4Page - Texas Instruments 74F11SC Datasheet HTML 5Page - Texas Instruments 74F11SC Datasheet HTML 6Page - Texas Instruments 74F11SC Datasheet HTML 7Page - Texas Instruments 74F11SC Datasheet HTML 8Page - Texas Instruments 74F11SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54F/74F11
Triple 3-Input AND Gate
General Description
This device contains three independent gates, each of which
performs the logic AND function.
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F11PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F11DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F11SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F11SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F11FM (Note 2)
W14B
14-Lead Cerpack
54F11LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009459-3
December 1994
© 1997 National Semiconductor Corporation
DS009459
www.national.com
1
PrintDate=1997/08/26 PrintTime=16:09:23 9520 ds009459 Rev. No. 1
cmserv
Proof
1
DSXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com