Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F11SC Datasheet(PDF) 3 Page - Texas Instruments

Part # 74F11SC
Description  Triple 3-Input AND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F11SC Datasheet(HTML) 3 Page - Texas Instruments

  74F11SC Datasheet HTML 1Page - Texas Instruments 74F11SC Datasheet HTML 2Page - Texas Instruments 74F11SC Datasheet HTML 3Page - Texas Instruments 74F11SC Datasheet HTML 4Page - Texas Instruments 74F11SC Datasheet HTML 5Page - Texas Instruments 74F11SC Datasheet HTML 6Page - Texas Instruments 74F11SC Datasheet HTML 7Page - Texas Instruments 74F11SC Datasheet HTML 8Page - Texas Instruments 74F11SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Connection Diagrams
Unit Loading/Fan Out
See Section 0 for U.L. definitions
54F/74F
Pin Names
Description
U.L.
Input I
IH/IIL
HIGH/LOW
Output I
OH/IOL
A
n,Bn,Cn
Inputs
1.0/1.0
20 µA/−0.6 mA
O
n
Outputs
50/33.3
−1 mA/20 mA
Pin Assignment for
DIP, SOIC and Flatpak
DS009459-2
Pin Assignment
for LCC
DS009459-1
PrintDate=1997/08/26 PrintTime=16:09:25 9520 ds009459 Rev. No. 1
cmserv
Proof
2
DSXXX
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com