Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC373 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HC373
Description  Octal 3-State Noninverting Transparent Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC373 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HC373 Datasheet HTML 1Page - System Logic Semiconductor SL74HC373 Datasheet HTML 2Page - System Logic Semiconductor SL74HC373 Datasheet HTML 3Page - System Logic Semiconductor SL74HC373 Datasheet HTML 4Page - System Logic Semiconductor SL74HC373 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74HC373
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input D to Q
(Figures 1 and 5)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tPLH, tPHL
Maximum Propagation Delay , Latch Enable to Q
(Figures 2 and 5)
2.0
4.5
6.0
140
28
24
175
35
30
210
42
36
ns
tPLZ, tPHZ
Maximum Propagation Delay ,Output Enable to Q
(Figures 3 and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZL, tPZH
Maximum Propagation Delay , Output Enable to Q
(Figures 3 and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 5)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State)
-
15
15
15
pF
Power Dissipation Capacitance (Per Enabled
Output)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
36
pF
TIMING REQUIREMENTS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Input D
to Latch Enable
(Figure 4)
2.0
4.5
6.0
25
5.0
5.0
30
6.0
6.0
40
8.0
7.0
ns
th
Minimum Hold Time,Latch
Enable to Input D
(Figure 4)
2.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Latch
Enable (Figure 2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com