Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC373 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC373
Description  Octal 3-State Noninverting Transparent Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC373 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC373 Datasheet HTML 1Page - System Logic Semiconductor SL74HC373 Datasheet HTML 2Page - System Logic Semiconductor SL74HC373 Datasheet HTML 3Page - System Logic Semiconductor SL74HC373 Datasheet HTML 4Page - System Logic Semiconductor SL74HC373 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC373
System Logic
Semiconductor
SLS
Octal 3-State Noninverting Transparent Latch
High-Performance Silicon-Gate CMOS
The SL74HC373 is identical in pinout to the LS/ALS373. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches,
but when Output Enable is high, all device outputs are forced to the
high-impedance state. Thus, data may be latched even when the
outputs are not enabled.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC373N Plastic
SL74HC373D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
D
Q
L
H
H
H
L
H
L
L
L
L
X
No Change
H
X
X
Z
X = Don’t Care
Z = High Impedance


Similar Part No. - SL74HC373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
Octal 3-State Noninverting D Flip-Flop
SL74HC374D SLS-SL74HC374D Datasheet
53Kb / 5P
Octal 3-State Noninverting D Flip-Flop
SL74HC374N SLS-SL74HC374N Datasheet
53Kb / 5P
Octal 3-State Noninverting D Flip-Flop
More results

Similar Description - SL74HC373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A Datasheet
199Kb / 8P
Octal 3-State Noninverting Transparent Latch
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC573 INTEGRAL-IN74HC573 Datasheet
117Kb / 5P
Octal 3-State Noninverting Transparent Latch
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
Octal 3-State Noninverting Transparent Latch
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
IN74ACT573 INTEGRAL-IN74ACT573 Datasheet
233Kb / 5P
OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC573A KODENSHI-KK74HC573A Datasheet
274Kb / 6P
Octal 3-State Noninverting Transparent Latch
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
Motorola, Inc
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_14 Datasheet
121Kb / 7P
Octal 3-State Noninverting Transparent Latch
August, 2014 ??Rev. 16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com