Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2501 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2501
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2501 Datasheet HTML 2Page - Diodes Incorporated AP2501 Datasheet HTML 3Page - Diodes Incorporated AP2501 Datasheet HTML 4Page - Diodes Incorporated AP2501 Datasheet HTML 5Page - Diodes Incorporated AP2501 Datasheet HTML 6Page - Diodes Incorporated AP2501 Datasheet HTML 7Page - Diodes Incorporated AP2501 Datasheet HTML 8Page - Diodes Incorporated AP2501 Datasheet HTML 9Page - Diodes Incorporated AP2501 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 5 - 2
6 of 18
www.diodes.com
August 2012
© Diodes Incorporated
AP2501/AP2511
Typical Performance Characteristics (cont.)
Vout
2V/div
Short-Circuit to No-Load
Recovery Response
Iin
2A/div
FLG
5V/div
TA=25°C
Vin=5V
Output Short Circuit Removed
Short Circuit Present Device
Thermal Cycles
TA=25°C
Vin=5V
Vout
2V/div
FLG
5V/div
Iin
2A/div
No-Load to Short-Circuit
Transient Response
Output Short Circuit
Device Enable Current-Limit
Vout
2V/div
Short-Circuit to Full-Load
Recovery Response
Iin
2A/div
FLG
5V/div
TA=25°C
Vin=5V
Rout=2
Ω
Output Short Circuit Removed
Short Circuit Present Device
Thermal Cycles
TA=25°C
Vin=5V
Rout=2
Ω
Vout
2V/div
FLG
5V/div
Iin
2A/div
Full-Load to Short-Circuit
Transient Response
Output Short Circuit
Device Turns off and Re-enables
Into Current-Limit
Inrush Current
TA = +25°C
Vin=5V
CL=120uF,220µF,470µF
Rout = 2.5
Ω
Ven
5V/div
Iin
1A/div
CL=120uF
CL=220uF
CL=470uF
Device Enabled Into Short-Circuit
TA=25°C
Vin=5V
CL=120uF
Rout=1
Ω
Ven
5V/div
Iin
1A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com