Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2501 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2501
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2501 Datasheet HTML 7Page - Diodes Incorporated AP2501 Datasheet HTML 8Page - Diodes Incorporated AP2501 Datasheet HTML 9Page - Diodes Incorporated AP2501 Datasheet HTML 10Page - Diodes Incorporated AP2501 Datasheet HTML 11Page - Diodes Incorporated AP2501 Datasheet HTML 12Page - Diodes Incorporated AP2501 Datasheet HTML 13Page - Diodes Incorporated AP2501 Datasheet HTML 14Page - Diodes Incorporated AP2501 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 5 - 2
2 of 18
www.diodes.com
August 2012
© Diodes Incorporated
AP2501/AP2511
Application Note (cont.)
Under-Voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power supply has reached at least 2V,
even if the switch is enabled. Whenever the input voltage falls below approximately 2V, the power switch is quickly turned off. This facilitates the
design of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue
of the output voltage when either no external output resistance or load resistance is present at the output.
Ordering Information
 
AP25X1 XXX-X
0 : Active Low
1 : Active High
7 /13 : Tape & Reel
1 : 1 Channel
Channel
Package
Enable
Packing
S : SO-8
MP : MSOP-8EP
FGE : U-DFN3030-8 Type E
M8 : MSOP -8
Part Number
Status
Package Code
Packaging
(Note 10)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP25X1S-13
New Product
S
SO-8
2500/Tape & Reel
-13
AP25X1M8-13
New Product
M8
MSOP-8
2500/Tape & Reel
-13
AP25X1MP-13
New Product
MP
MSOP-8EP
2500/Tape & Reel
-13
AP25X1FGE-7
New Product
FGE
U-DFN3030-8 Type E
3000/Tape & Reel
-7
Notes:
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
 
Green
 
Green
 
Green
 
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com