Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC4046 Datasheet(PDF) 11 Page - System Logic Semiconductor

Part # SL74HC4046
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4046 Datasheet(HTML) 11 Page - System Logic Semiconductor

Back Button SL74HC4046 Datasheet HTML 4Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 5Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 6Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 7Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 8Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 9Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 10Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 11Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SL74HC4046
490
Figure 10. Offset Voltage at Demodulator Output as a
Function of VCOIN and RS
Figure 11A. Frequency Stability versus Ambient
Temperature: VCC = 3.0 V
Figure 11B. Frequency Stability versus Ambient
Temperature: VCC = 4.5 V
Figure 11C. Frequency Stability versus Ambient
Temperature: VCC = 6.0 V
Figure 12A. VCO Frequency (fVCO) as a Function of
the VCO Input Voltage (VVCOIN)
Figure 12B. VCO Frequency (fVCO) as a Function of
the VCO Input Voltage (VVCOIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com