Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC4046 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC4046
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4046 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC4046 Datasheet HTML 1Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 2Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 3Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 4Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 5Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 6Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 7Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 8Page - System Logic Semiconductor SL74HC4046 Datasheet HTML 9Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SL74HC4046
System Logic
Semiconductor
SLS
Phase-Locked Loop
High-Performance Silicon-Gate CMOS
The device inputs are compatible with standard CMOS outputs;
with pullup resistors, they are compatible with LS/ALSTTL outputs.
The
SL74HC4046
phase-locked
loop
contains
three
phase
comparators, a voltage-controlled oscillator (VCO) and unity gain op-
amp DEMOUT. The comparators have two common signal inputs,
COMPIN, and SIGIN. Input SIGIN and COMPIN can be used directly
coupled to large voltage signals, or indirectly coupled (with a series
capacitor to small voltage signals). The self-bias circuit adjusts small
voltage signals in the linear region of the amplifier. Phase comparator 1
(an exclusive OR gate) provides a digital error signal PC1OUT and
maintains 90 degrees phase shift at the center frequency between SIGIN
and COMPIN signals (both at 50% duty cycle). Phase comparator 2
(with leading-edge sensing logic) provides digital error signals PC2OUT
and PCPOUT and maintains a 0 degree phase shift between SIGIN and
COMPIN signals (duty cycle is immaterial). The linear VCO produces an
output signal VCOOUT whose frequency is determined by the voltage of
input VCOIN signal and the capacitor and resistors connected to pins
C1A, C1B, R1 and R2. The unity gain op-amp output DEMOUT with an external resistor is used where the VCOIN
signal is needed but no loading can be tolerated. The inhibit input, when high, disables the VCO and all on-amps
to minimize standby power consumption.
Applications include FM and FSK modulation and demodulation, frequency synthesis and multiplication,
frequency discrimination, tone decoding, data synchronization and conditioning, voltage-to-frequency
conversion and motor speed control.
• Low Power Consumption Characteristic of CMOS Device
• Operating Speeds Similary to LS/ALSTTL
• Wide Operating Voltage Range: 3.0 to 6.0 V
• Low Input Current: 1.0 µA Maximum (except SIG
IN
and
COMPIN)
• Low Quiescent Current: 80 µA Maximum (VCO disabled)
• High Noise Immunity Characteristic of CMOS Devices
• Diode Protection on all Inputs
Pin No.
Symbol
Name and Function
1
PCPOUT
Phase Comparator Pulse Output
2
PC1OUT
Phase Comparator 1 Output
3
COMPIN
Comparator Input
4
VCOOUT
VCO Output
5
INH
Inhibit Input
6
C1A
Capacitor C1 Connection A
7
C1B
Capacitor C1 Connection B
8
GND
Ground (0 V) VSS
9
VCOIN
VCO Input
10
DEMOUT
Demodulator Output
11
R1
Resistor R1 Connection
12
R2
Resistor R2 Connection
13
PC2OUT
Phase Comparator 2 Output
14
SIGIN
Signal Input
15
PC3OUT
Phase Comparator 3 Output
16
VCC
Positive Supply Voltage
ORDERING INFORMATION
SL74HC4046N Plastic
SL74HC4046D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT


Similar Part No. - SL74HC4046

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
Dual 4-Bit Shift Register
SL74HC4015D SLS-SL74HC4015D Datasheet
50Kb / 6P
Dual 4-Bit Shift Register
SL74HC4015N SLS-SL74HC4015N Datasheet
50Kb / 6P
Dual 4-Bit Shift Register
SL74HC4051 SLS-SL74HC4051 Datasheet
86Kb / 9P
Analog Multiplexer Demultiplexer
SL74HC4051D SLS-SL74HC4051D Datasheet
86Kb / 9P
Analog Multiplexer Demultiplexer
More results

Similar Description - SL74HC4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com