Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99BRLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV99BRLP
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99BRLP Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV99BRLP Datasheet HTML 1Page - Diodes Incorporated BAV99BRLP Datasheet HTML 2Page - Diodes Incorporated BAV99BRLP Datasheet HTML 3Page - Diodes Incorporated BAV99BRLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99BRLP
Document number: DS35317 Rev. 4 - 2
1 of 4
www.diodes.com
July 2011
© Diodes Incorporated
BAV99BRLP
SURFACE MOUNT SWITCHING DIODE ARRAY
Features
•
Fast Switching Speed
•
Low Profile DFN Package (0.575mm typical thickness) is Much
Thinner than Conventional SOT Style Packages
•
Thermally Efficient DFN Package Features 500mW Power
Dissipation Capability in a Compact 2.0 * 2.0mm Footprint
•
Two “BAV99” Circuits In One Package
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: DFN2020B-6
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: NiPdAu over Copper leadframe (Lead Free Plating).
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.006 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAV99BRLP-7
DFN2020B-6
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
DFN2020B-6
Top View
Internal Schematic
CK = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
Bottom View
Pin 1 = A1 (anode 1, right below the
notch indication)
Pin 2 = C1 (cathode 1)
Pin 3 = AC2 (internally connected to
rectangular pad)
Pin 4 = A2 (anode 2)
Pin 5 = C2 (cathode 2)
Pin 6 = AC1 (internally connected to
the pad with a notch)
AC1
AC2
C2
A1
A2
C1
65
4
12
3


Similar Part No. - BAV99BRLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
More results

Similar Description - BAV99BRLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com