Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99BRLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV99BRLP
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99BRLP Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV99BRLP Datasheet HTML 1Page - Diodes Incorporated BAV99BRLP Datasheet HTML 2Page - Diodes Incorporated BAV99BRLP Datasheet HTML 3Page - Diodes Incorporated BAV99BRLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV99BRLP
Document number: DS35317 Rev. 4 - 2
3 of 4
www.diodes.com
July 2011
© Diodes Incorporated
BAV99BRLP
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Derating Curve, Total Package
300
Note 4
350
400
450
500
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage, Per Element
R
0
0.4
0.8
1.2
1.6
2
010
20
30
40
f=1MHz
Package Outline Dimensions
Bottom View
DFN2020B-6
Dim
Min
Max
Typ
A
0.545
0.605 0.575
A1
0
0.05
0.02
A3
⎯
⎯
0.13
b
0.20
0.30
0.25
D
1.95
2.075
2.00
d
⎯
⎯
0.45
D2
0.50
0.70
0.60
e
⎯
⎯
0.65
E
1.95
2.075
2.00
E2
0.90
1.10
1.00
f
⎯
⎯
0.15
L
0.25
0.35
0.30
z
⎯
⎯
0.225
All Dimensions in mm
SEATING PLANE
D
e
L
b
D2
E2
E
A1
A
A3
f
z
f
d



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com