Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP1245UFCL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP1245UFCL
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1245UFCL Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP1245UFCL Datasheet HTML 1Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 2Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 3Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 4Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 5Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 6Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP1245UFCL
Document number: DS35505 Rev. 1 - 2
2 of 7
www.diodes.com
November 2011
© Diodes Incorporated
DMP1245UFCL
A Product Line of
Diodes Incorporated
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5)
@TA = 25°C
@TA = 70°C
ID
-6.6
-5.25
A
Pulsed Drain Current
TP = 10μs
IDM
-16.67
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 4)
PD
613
mW
(Note 5)
1.7
W
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
204
°C/W
(Note 5)
74
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on minimum recommended pad layout, in still air conditions; the device is measured when operating in a steady state
condition.
5. For a device surface mounted on 25mm by 25mm by 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady state condition.
Thermal Characteristics
0
10
20
30
40
50
60
70
80
90
100
0.0001 0.001 0.01
0.1
1
10
100
1000
t , PULSE DURATION TIME (sec)
Fig. 1 Single Pulse Maximum Power Dissipation
1
Single Pulse
R
=205°C/W
R(t)=R
*r(t)
T-T =P*R
(t)
θ
θθ
θ
JA
JA
JA
JA
JA
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 2 SOA, Safe Operation Area
0.1
1
10
100
I
(A
) @
P
=1
m
s
D
W
I
(A
) @
P
=1
00
µs
D
W
0.01
I (A) @P =10s
DW
I (A) @ DC
D
I(A) @P =1s
DW
I (A) @P =100ms
DW
I (A) @P =10ms
DW
I(A) @
P =10µs
D
W
T
= 150 C
T= 25 C
Single Pulse
J(MAX)
A
°
°
R
Limited
DS(ON)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com