Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP1245UFCL Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP1245UFCL
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1245UFCL Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP1245UFCL Datasheet HTML 1Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 2Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 3Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 4Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 5Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 6Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP1245UFCL
Document number: DS35505 Rev. 1 - 2
3 of 7
www.diodes.com
November 2011
© Diodes Incorporated
DMP1245UFCL
A Product Line of
Diodes Incorporated
0.001
0.01
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIMES (sec)
Fig. 03 Transient Thermal Resistance
R(t)=r(t) * R
θθ
JA
JA
R
= 205°C/W
Duty Cycle, D=t1/ t2
θJA
1
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-12
⎯
⎯
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
⎯
⎯
-1
µA
VDS = -12.0V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±10
µA
VGS = ±8.0V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.3
-0.6
-0.95
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
⎯
25
29
m
Ω
VGS = -4.5V, ID = - 4A
⎯
31
45
VGS = -2.5V, ID = - 3.5A
⎯
40
60
VGS = -1.8V, ID = - 1A
⎯
60
100
VGS = -1.5 V, ID = - 0.5A
Forward Transfer Admittance
|Yfs|
0.4
3
-
S
VDS = -5V, ID = -2A
Diode Forward Voltage
VSD
-
-
-1.0
V
VGS = 0V, ID = -2A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
1357.4
-
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
-
499
-
pF
Reverse Transfer Capacitance
Crss
-
273.6
-
pF
Gate Resistance
Rg
-
14.26
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
16.1
-
nC
VGS = -4.5V
ID = -1A,
VDS = -10V
-
26.1
-
nC
VGS = -8V
Gate-Source Charge
Qgs
-
1.71
-
nC
Gate-Drain Charge
Qgd
-
20.48
-
nC
Turn-On Delay Time
tD(on)
-
15.2
-
ns
VGS = -2.5V, VDS = -10V
ID = -180mA, RG = 2.0Ω,
Turn-On Rise Time
tr
-
33.11
-
ns
Turn-Off Delay Time
tD(off)
-
219.4
-
ns
Turn-Off Fall Time
tf
-
217.64
-
ns
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com