Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC597 Datasheet(PDF) 6 Page - System Logic Semiconductor

Part # SL74HC597
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC597 Datasheet(HTML) 6 Page - System Logic Semiconductor

  SL74HC597 Datasheet HTML 1Page - System Logic Semiconductor SL74HC597 Datasheet HTML 2Page - System Logic Semiconductor SL74HC597 Datasheet HTML 3Page - System Logic Semiconductor SL74HC597 Datasheet HTML 4Page - System Logic Semiconductor SL74HC597 Datasheet HTML 5Page - System Logic Semiconductor SL74HC597 Datasheet HTML 6Page - System Logic Semiconductor SL74HC597 Datasheet HTML 7Page - System Logic Semiconductor SL74HC597 Datasheet HTML 8Page - System Logic Semiconductor SL74HC597 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SL74HC597
System Logic
Semiconductor
SLS
FUNCTION TABLE
Inputs
Resulting Function
Operation
Reset
SerialShift/
ParallelLoad
Latch
Clock
Shift
Clock
Serial
Input
SA
Parallel
Inputs
A-H
Latch
Contents
Shift
Register
Contents
Output QH
Reset shift register
L
X
L,H,
X
X
X
U
L
L
Reset shift register;
load parallel data
into data latch
L
X
X
X
a-h
a-h
L
L
Load parallel data
into data latch
H
H
L,H,
X
a-h
a-h
U
U
Transfer latch
contents to shift
register
H
L
L,H,
X
X
X
U
LRN SRN
LRH
Contents of data
latch and shift
register are
unchanged
H
H
L,H,
L,H,
X
X
U
U
U
Load parallel data
into data latch and
shift register
H
L
X
X
a-h
a-h
a-h
h
Shift serial data into
shift register
H
H
X
D
X
*
SRA=D;
SRN SRN+1
SRG SRH
Load parallel data
into data latch and
shift serial data into
shift register
H
H
D
a-h
a-h
SRA=D;
SRN SRN+1
SRG SRH
SR = shift register contents
X = don’t care
LR = latch register contents
a-h = data at parallel data inputs A-H
D = data (L,H) at serial data input SA
* = depends on Latch Clock input
U = remains unchanged
INPUTS:
A, B, C, D, E, F, G, H - Parallel data inputs. Data on
these inputs is stored in the input latch on the rising
edge of the Latch Clock input.
SA - Serial data input. Data on this input is shifted into
the shift register on the rising edge of the Shift Clock
input if Serial Shift/Parallel Load is high. Data on this
input is ignored when Serial Shift/
Parallel Load is low.
SERIAL SHIFT/PARALLEL LOAD - Shift register
mode control. When a high level is applied to this pin,
the shift register is allowed to serially shift data. When
a low level is applied to this pin, the shift register
accepts parallel data from the input latch, and serial
shifting is inhibited.
RESET - Asynchronous, Active-low shift register
reset. A low level applied to this input resets the shift
register to a low level, but does not change the data in
the input latch.
SHIFT CLOCK - Serial shift register clock. A low-to-
high transition on this input shifts data on the Serial
Data Input into the shift register and data in stage H is
shifted out QH, being replaced by the data previously
stored in stage G.
LATCH CLOCK - A low-to-high transition on this
input loads the parallel data on inputs A -H into the
input latch.
OUTPUT:
QH - Serial data output. This pin is the output from the
last stage of the shift register.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com