Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC597 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC597
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC597 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC597 Datasheet HTML 1Page - System Logic Semiconductor SL74HC597 Datasheet HTML 2Page - System Logic Semiconductor SL74HC597 Datasheet HTML 3Page - System Logic Semiconductor SL74HC597 Datasheet HTML 4Page - System Logic Semiconductor SL74HC597 Datasheet HTML 5Page - System Logic Semiconductor SL74HC597 Datasheet HTML 6Page - System Logic Semiconductor SL74HC597 Datasheet HTML 7Page - System Logic Semiconductor SL74HC597 Datasheet HTML 8Page - System Logic Semiconductor SL74HC597 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL74HC597
System Logic
Semiconductor
SLS
8-Bit Serial or Parallel-Input/ Serial-Output Shift
Register with Input Latch
High-Performance Silicon-Gate CMOS
The SL74HC597 is identical in pinout to the LS/ALS597. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of an 8-bit input latch which feeds parallel
data to an 8-bit shift register. Data can also be loaded serially (see
Function Table).
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC597N Plastic
SL74HC597D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - SL74HC597

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
SL74HC595D SLS-SL74HC595D Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
SL74HC595N SLS-SL74HC595N Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
More results

Similar Description - SL74HC597

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC597A KODENSHI-KK74HC597A Datasheet
310Kb / 10P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC597A IKSEMICON-IN74HC597A Datasheet
200Kb / 10P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com