Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5292IPFPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 17Page - Texas Instruments ADS5292IPFPR Datasheet HTML 18Page - Texas Instruments ADS5292IPFPR Datasheet HTML 19Page - Texas Instruments ADS5292IPFPR Datasheet HTML 20Page - Texas Instruments ADS5292IPFPR Datasheet HTML 21Page - Texas Instruments ADS5292IPFPR Datasheet HTML 22Page - Texas Instruments ADS5292IPFPR Datasheet HTML 23Page - Texas Instruments ADS5292IPFPR Datasheet HTML 24Page - Texas Instruments ADS5292IPFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
−160
−150
−140
−130
−120
−110
0.01
0.1
1
10
100
Frequency Offset (kHz)
−0.3
−0.2
−0.1
0.0
0.1
0.2
250
750
1250
1750
2250
2750
3250
3750
Output_codes (dB)
76
78
80
82
84
86
88
90
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD=1.65V
AVDD=1.7V
AVDD=1.8V
AVDD=1.9V
AVDD=1.95V
Input Frequency = 5 MHz
70
75
80
85
90
95
100
10
20
30
40
50
60
70
Frequency of Aggressor Channel (MHz)
Far Channel
Near Channel
Full−scale signal applied on aggresor channel
5MHz, −1dBFS signal applied on victim channel
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, 12Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 24. Spurious-Free Dynamic Range Across AVDD and
Figure 25. Crosstalk vs. Frequency
Temperature
Figure 26. Phase Noise for 5 MHz Input Signal, Sample rate
Figure 27. Integral Non-Linearity
= 80 MSPS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com