Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5292IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 23Page - Texas Instruments ADS5292IPFPR Datasheet HTML 24Page - Texas Instruments ADS5292IPFPR Datasheet HTML 25Page - Texas Instruments ADS5292IPFPR Datasheet HTML 26Page - Texas Instruments ADS5292IPFPR Datasheet HTML 27Page - Texas Instruments ADS5292IPFPR Datasheet HTML 28Page - Texas Instruments ADS5292IPFPR Datasheet HTML 29Page - Texas Instruments ADS5292IPFPR Datasheet HTML 30Page - Texas Instruments ADS5292IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
POWER SUPPLY
AVDD, LVDD
RESET
SEN
t
1
t
2
t
3
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
RESET TIMING
Typical values at 25°C, MIN and MAX values across the full temperature range TMIN = –40°C to TMAX = 85°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Power-on delay
Delay from power up of AVDD and LVDD to RESET pulse active
1
ms
t2
Reset pulse duration
Pulse duration of active RESET signal
50
ns
t3
Register write delay
Delay from RESET disable to CS active
100
ns
NOTE: A high-going pulse on RESET pin is required in serial interface mode in case of initialization through hardware reset.
For parallel interface operation, RESET has to be tied permanently HIGH.
Figure 45. Reset Timing Diagram
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com