Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595 Datasheet(PDF) 6 Page - System Logic Semiconductor

Part # HC595
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC595 Datasheet(HTML) 6 Page - System Logic Semiconductor

Back Button HC595 Datasheet HTML 2Page - System Logic Semiconductor HC595 Datasheet HTML 3Page - System Logic Semiconductor HC595 Datasheet HTML 4Page - System Logic Semiconductor HC595 Datasheet HTML 5Page - System Logic Semiconductor HC595 Datasheet HTML 6Page - System Logic Semiconductor HC595 Datasheet HTML 7Page - System Logic Semiconductor HC595 Datasheet HTML 8Page - System Logic Semiconductor HC595 Datasheet HTML 9Page - System Logic Semiconductor HC595 Datasheet HTML 10Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SL74HC595
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
Tsu
Minimum Setup Time,Serial Data
Input A to Shift Clock (Figure 5)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
Tsu
Minimum Setup Time, Shift Clock to
Latch Clock (Figure 6)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
th
Minimum Hold Time, Shift Clock to
Serial Data Input A (Figure 5)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
Trec
Minimum Recovery Time, Reset
Inactive to Shift Clock (Figure 2)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
Tw
Minimum Pulse Width, Reset (Figure
2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Tw
Minimum Pulse Width, Shift Clock
(Figure 1)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
Tw
Minimum Pulse Width, Latch Clock
(Figure 6)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com