Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC595 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC595
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC595 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC595 Datasheet HTML 1Page - System Logic Semiconductor HC595 Datasheet HTML 2Page - System Logic Semiconductor HC595 Datasheet HTML 3Page - System Logic Semiconductor HC595 Datasheet HTML 4Page - System Logic Semiconductor HC595 Datasheet HTML 5Page - System Logic Semiconductor HC595 Datasheet HTML 6Page - System Logic Semiconductor HC595 Datasheet HTML 7Page - System Logic Semiconductor HC595 Datasheet HTML 8Page - System Logic Semiconductor HC595 Datasheet HTML 9Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SL74HC595
System Logic
Semiconductor
SLS
8-Bit Serial-Input/Serial or Parallel-Output Shift
Register with Latched 3-State Outputs
High-Performance Silicon-Gate CMOS
The SL74HC595 is identical in pinout to the LS/ALS595. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC595 consists of an 8-bit shift register and an 8-bit D-
type latch with three-state parallel outputs. The shift register accepts
serial data and provides a serial output. The shift register also provides
parallel data to the 8-bit latch. The shift register and latch have
independent clock inputs. This device also has an asynchronous re set
for the shift register.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC595N Plastic
SL74HC595D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC595M TI-HC595M Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
STMicroelectronics
HC595Y STMICROELECTRONICS-HC595Y Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
More results

Similar Description - HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
ON Semiconductor
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com