Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34709VKR2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PC34709VKR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
Analog Integrated Circuit Device Data
39
Freescale Semiconductor
34709
Functional Block Description
7.5.3.8
Power Saving
7.5.3.8.1
System Standby
A product may be designed to enter DSM after periods of inactivity, the STANDBY pin is provided for board level control of timing
in and out of such deep sleep modes.
When a product is in DSM, it may be able to reduce the overall platform current by lowering the regulator output voltage, changing
the operating mode of the switching regulators, or disabling some regulators. This can be obtained by controlling the STANDBY
pin. The configuration of the regulators in standby is pre-programmed through the SPI.
A lower power standby mode can be obtained by setting the ON_STBY_LP SPI bit to a one. With the ON_STBY_LP SPI bit set
and the STANDBY pin asserted, a lower power standby will be entered. In the on Standby Low-power mode, the switching
Regulators should all be programmed into PFM mode, and the LDO's should be configured to Low-power mode when the
STANDBY pin is asserted. The PLL is disabled in this mode
Note that the STANDBY pin is programmable for Active High or Active Low polarity, and the decoding of a Standby event will
take into account the programmed input polarity associated with each pin. For simplicity, Standby will generally be referred to as
active high throughout this document, but as defined in Table 26, active low operation can be accommodated. Finally, since the
STANDBY pin activity is driven asynchronously to the system, a finite time is required for the internal logic to qualify and respond
to the pin level changes.
The state of the STANDBY pin only has influence in On mode, and are therefore it is ignored during start-up and in the Watchdog
phase. This allows the system to power-up without concern of the required Standby polarities since software can make
adjustments accordingly as soon as it is running.
A command to transition to one of the low-power Off states (User Off or Memory Hold, initiated with USE-ROFFSPI=1) redefines
the power tree configuration based on SWxMODE programming, and has priority over Standby (which also influences the power
tree configuration).
7.5.3.8.2
Standby Delay
A provision to delay the Standby response is included. This allows the processor and peripherals, some time after a Standby
instruction has been received, to terminate processes to facilitate seamless Standby exiting and re-entrance into Normal
operating mode.
A programmable delay is provided to hold off the system response to a Standby event. When enabled (STBYDLY = 01, 10, or
11), STBYDLY will delay the STANDBY initiated response for the entire IC until the STBYDLY counter expires.
Table 25. VBATTDB Debounce Times
VATTDB[1:0]
Debounce Time (ms)
00
0.1
01
1.0
10
2.5
11 (default)
3.9
Table 26. Standby Pin and Polarity Control
STANDBY (Pin)
STANDBYINV (SPI bit)
STANDBY Control(37)
0
0
0
0
1
1
1
0
1
1
1
0
Notes
37.
STANDBY = 0: System is not in Standby STANDBY = 1: System is in Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com