Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34709VKR2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PC34709VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
Analog Integrated Circuit Device Data
13
Freescale Semiconductor
34709
General Product Characteristics
5.2.1
Power Dissipation
During operation, the temperature of the die should not exceed the maximum junction temperature. To optimize the thermal
management scheme and avoid overheating, the 34709 PMIC provides a thermal management system. The thermal protection
is based on a circuit with a voltage output that is proportional to the absolute temperature. This voltage can be read out via the
ADC for specific temperature readouts, see Serial Interfaces.
This voltage is monitored by an integrated comparator. Interrupts THERM110, THERM120, THERM125, and THERM130 will be
generated when respectively crossing in either direction of the thresholds specified in Table 6. The temperature range can be
determined by reading the THERMxxxS bits.
Thermal protection is integrated to power off the 34709 PMIC, in case of over dissipation. This thermal protection will act above
the maximum junction temperature to avoid any unwanted power downs. The protection is debounced for 8.0 ms in order to
suppress any (thermal) noise. This protection should be considered as a fail-safe mechanism and therefore the application
design should be dimensioned such that this protection is not tripped under normal conditions. The temperature thresholds and
the sense bit assignment are listed in Table 6.
THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS (CONTINUED)
JT
Junction to Package Top
• Natural Convection
-
6.0
°C/W
(10)
Notes
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause a malfunction or permanent damage to the device.
4.
Freescale's Package Reflow capability meets the Pb-free requirements for JEDEC standard J-STD-020C, for Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL).
5.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
6.
Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
7.
Per JEDEC JESD51-6 with the board horizontal.
8.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
9.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
10.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per
JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table 6. Thermal Protection Thresholds
Parameter
Min
Typ
Max
Units
Notes
Thermal 110 °C threshold (THERM110)
105
110
115
°C
Thermal 120 °C threshold (THERM120)
115
120
125
°C
Thermal 125 °C threshold (THERM125)
120
125
130
°C
Thermal 130 °C threshold (THERM130)
125
130
135
°C
Thermal warning hysteresis
2.0
-
4.0
°C
(11)
Thermal protection threshold
130
140
150
°C
Notes
11.
Equivalent to approx. 30 mW min, 60 mW max
Table 5. Thermal Ratings (continued)
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Description (Rating)
Min.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com