Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS503-Q1
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS503-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  CDCS503-Q1 Datasheet HTML 1Page - Texas Instruments CDCS503-Q1 Datasheet HTML 2Page - Texas Instruments CDCS503-Q1 Datasheet HTML 3Page - Texas Instruments CDCS503-Q1 Datasheet HTML 4Page - Texas Instruments CDCS503-Q1 Datasheet HTML 5Page - Texas Instruments CDCS503-Q1 Datasheet HTML 6Page - Texas Instruments CDCS503-Q1 Datasheet HTML 7Page - Texas Instruments CDCS503-Q1 Datasheet HTML 8Page - Texas Instruments CDCS503-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CDCS503-Q1
SCAS924B – MARCH 2012 – REVISED JUNE 2012
www.ti.com
DESCRIPTION
The CDCS503-Q1 device is a spread spectrum capable, LVCMOS input clock buffer with selectable frequency
multiplication.
It shares major functionality with the CDCS502 but uses a LVCMOS input stage instead of the crystal input stage
of the CDCS502, and the CDCS503-Q1 has an output enable pin.
The device accepts a 3.3-V LVCMOS signal at the input.
The input signal is processed by a phased-locked loop (PLL), whose output frequency is either equal to the input
frequency or multiplied by the factor of four.
The PLL is also able to spread the clock signal by ±0%, ±0.5%, ±1% or ±2% centered around the output clock
frequency with a triangular modulation.
By this, the device can generate output frequencies between 8 MHz and 108 MHz with or without SSC.
A separate control pin can be used to enable or disable the output. The CDCS503-Q1 device operates in a 3.3-V
environment.
It is characterized for operation from –40°C to 105°C, and available in an 8-pin TSSOP package.
Table 1. FUNCTION TABLE
OE
FS
SSC_SEL 0
SSC_SEL 1
SSC AMOUNT
fOUT/fIN
fOUT at fin = 27 MHz
0
x
x
x
x
x
3-state
1
0
0
0
±0.00%
1
27 MHz
1
0
0
1
±0.50%
1
27 MHz
1
0
1
0
±1.00%
1
27 MHz
1
0
1
1
±2.00%
1
27 MHz
1
1
0
0
±0.00%
4
108 MHz
1
1
0
1
±0.50%
4
108 MHz
1
1
1
0
±1.00%
4
108 MHz
1
1
1
1
±2.00%
4
108 MHz
2
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com