Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS503-Q1
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS503-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CDCS503-Q1 Datasheet HTML 1Page - Texas Instruments CDCS503-Q1 Datasheet HTML 2Page - Texas Instruments CDCS503-Q1 Datasheet HTML 3Page - Texas Instruments CDCS503-Q1 Datasheet HTML 4Page - Texas Instruments CDCS503-Q1 Datasheet HTML 5Page - Texas Instruments CDCS503-Q1 Datasheet HTML 6Page - Texas Instruments CDCS503-Q1 Datasheet HTML 7Page - Texas Instruments CDCS503-Q1 Datasheet HTML 8Page - Texas Instruments CDCS503-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GND
OUT
IN
FS
LVCMOS
Control
Logic
OE
LV
CMOS
VDD
SSC_SEL 0
SSC_SEL 1
x1orx4
/SSC
1
8
2
7
3
6
4
5
CDCS503-Q1
IN
SSC_SEL 0
SSC_SEL 1
GND
VDD
OE
OUT
FS
CDCS503-Q1
www.ti.com
SCAS924B – MARCH 2012 – REVISED JUNE 2012
Clock Buffer/Clock Multiplier With Optional SSC
Check for Samples: CDCS503-Q1
1
FEATURES
•
Qualified for Automotive Applications
•
Output Disable Through Control Pin
•
AEC-Q100 Test Guidance With the Following
•
Single 3.3 V Device Power Supply
Results:
•
Wide Temperature Range –40°C to 105°C
–
Device Temperature Grade 2
•
Low Space Consumption 8-Pin TSSOP
–
-40°C to 105°C Ambient Operating
Package
Temperature Range
APPLICATIONS
–
Device HBM ESD Classification Level H2
•
Automotive Applications Requiring EMI
–
Device CDM ESD Classification Level C3B
Reduction Through SSC and/or Clock
•
Part of a Family of Easy to Use Clock
Multiplication
Generator Devices With Optional Spread
Spectrum Clocking (SSC)
•
Clock Multiplier With Selectable Output
Frequency and Selectable SSC
•
SSC Controllable Through Two External Pins
–
±0%, ±0.5%, ±1%, ±2% Center Spread
•
Frequency Multiplication Selectable Between
x1 or x4 With One External Control Pin
Figure 1. BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCS503-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS503-Q1 TI2-CDCS503-Q1 Datasheet
530Kb / 16P
Clock Buffer/Clock Multiplier With Optional SSC
REVISED JUNE 2012
More results

Similar Description - CDCS503-Q1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com