Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD629
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD629 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  AD629 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
G = 0.2, Level Translation,
16-Bit ADC Driver
AD8275
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008-2010 Analog Devices, Inc. All rights reserved.
FEATURES
Translates ±10 V to +4 V
Drives 16-bit SAR ADCs
Small MSOP package
Input overvoltage: +40 V to −35 V (VS = 5 V)
Fast settling time: 450 ns to 0.001%
Rail-to-rail output
Wide supply operation: +3.3 V to +15 V
High CMRR: 80 dB
Low gain drift: 1 ppm/°C
Low offset drift: 2.5 μV/°C
APPLICATIONS
Level translator
ADC driver
Instrumentation amplifier building block
Automated test equipment
PIN CONFIGURATION
REF1
1
–IN
2
+IN
3
–VS 4
REF2
8
+VS
7
OUT
6
SENSE
5
AD8275
TOP VIEW
(Not to Scale)
Figure 1.
TYPICAL APPLICATION
VREF
4.096V
AD8275
7
4
5
6
8
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
33
Ω
10k
Ω
3
+IN
–IN
VIN
REF2
REF1
–VS
+VS
+5V
OUT
SENSE
0.1µF
2.7nF
10µF
1
AD7685
VDD
GND
REF
IN+
IN–
+10V
–10V
+4.048V
+0.048V
+2.048V
Figure 2. Translating ±10 V to 4.096 V ADC Full Scale
GENERAL DESCRIPTION
The AD8275 is a G = 0.2 difference amplifier that can be used
to translate ±10 V signals to a +4 V level. It solves the problem
typically encountered in industrial and instrumentation applic-
ations where ±10 V signals must be interfaced to a single-supply
4 V or 5 V ADC. The AD8275 interfaces the two signal levels,
simplifying design.
The AD8275 has fast settling time of 450 ns and low distortion,
making it suitable for driving medium speed successive approx-
imation (SAR) ADCs. Its wide input voltage range and rail-to-
rail outputs make it an easy to use building block. Single-supply
operation reduces the power consumption of the amplifier and
helps to protect the ADC from overdrive conditions.
Internal, matched, precision laser-trimmed resistors ensure
low gain error, low gain drift of 1 ppm/°C (maximum), and
high common-mode rejection of 80 dB. Low offset and low
offset drift, combined with its fast settling time, make the
AD8275 suitable for a variety of data acquisition applications
where accurate and quick capture is required.
The AD8275 can be used as an analog front end, or it can follow
buffers to level translate high voltages to a voltage range accepted
by the ADC. In addition, the AD8275 can be configured for diff-
erential outputs if used with a differential ADC.
The AD8275 is available in a space-saving, 8-lead MSOP
and is specified for performance over the −40°C to +85°C
temperature range.
Table 1. Difference Amplifiers by Category
Low Distortion
High Voltage
Single-Supply
Current Sense
AD8270
AD628
AD8202
AD8273
AD629
AD8203
AD8274
AD8205
AD8275
AD8206
AMP03
AD8216


Similar Part No. - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD629 AD-AD629 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD629 AD-AD629 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
AD629 AD-AD629 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD629 AD-AD629 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
More results

Similar Description - AD629

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
logo
Texas Instruments
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
16-Bit, 160Msps ADC
logo
Texas Instruments
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Texas Instruments
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8275 AD-AD8275_16 Datasheet
464Kb / 17P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com