Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629 Datasheet(PDF) 6 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD629
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD629 Datasheet(HTML) 6 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD629 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8275
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, G = 0.2, REF1 connected to GND and REF2 connected to 5 V, RL = 2 kΩ connected to VS/2, TA = 25°C, unless otherwise noted.
OFFSET VOLTAGE (µV)
0
2
4
6
10
8
12
14
–600
–400
–200
0
200
400
600
Figure 5. Typical Distribution of System Offset Voltage, Referred to Output
CMRR (µV/V)
0
10
20
30
40
50
60
70
–60
–40
–20
0
20
40
60
Figure 6. Typical Distribution of CMRR, Referred to Output
TEMPERATURE (°C)
60
40
20
0
–20
–40
–60
–40
–20
0
20
40
60
80
100
120
Figure 7. CMRR vs. Temperature, Normalized at 25°C
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
–300
–250
–200
–150
–100
–50
50
0
100
150
200
250
300
NORMALIZED AT 25°C, REPRESENTATIVE SAMPLES
Figure 8. Offset Voltage vs. Temperature, Normalized at 25°C,
Referred to Output
TEMPERATURE (°C)
–45
–30
–15
0
15
30
45
60
75
90
105
120
50
40
30
20
10
0
–10
–20
–30
–40
–50
GAIN ERROR NORMALIZED AT 25°C
Figure 9. Gain Error vs. Temperature, Normalized at 25°C
TEMPERATURE (°C)
–50
–25
5
4
3
2
1
0
25
50
75
3.3V
100
125
5V
Figure 10. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com