Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology LTC6945 Datasheet HTML 20Page - Linear Technology LTC6945 Datasheet HTML 21Page - Linear Technology LTC6945 Datasheet HTML 22Page - Linear Technology LTC6945 Datasheet HTML 23Page - Linear Technology LTC6945 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC2270
20
2270f
APPLICATIONS INFORMATION
Figure 5. Recommended Front-End Circuit for Input
Frequencies Above 80MHz
Amplifier Circuits
Figure 6 shows the analog input being driven by a high
speed differential amplifier. The output of the amplifier is
AC-coupled to the A/D so the amplifier’s output common
mode voltage can be optimally set to minimize distortion.
If DC coupling is necessary, use a differential amplifier
with an output common mode set by the LTC2270 VCM
pin (Figure 7).
Figure 4. Recommended Front-End Circuit for Input
Frequencies from 5MHz to 80MHz
Reference
The LTC2270 has an internal 1.25V voltage reference. For
a 2.1V input range using the internal reference, connect
SENSE to VDD. For a 1.05V input range using the internal
reference, connect SENSE to ground. For a 2.1V input
range with an external reference, apply a 1.25V reference
voltage to SENSE (Figure 9).
The input range can be adjusted by applying a voltage to
SENSE that is between 0.625V and 1.30V. The input range
will then be 1.68 • VSENSE.
The VREF, REFH and REFL pins should be bypassed as
shown in Figure 8. A low inductance 2.2μF interdigitated
capacitor is recommended for the bypass between REFH
and REFL. This type of capacitor is available at a low cost
from multiple suppliers.
25Ω
12Ω
12Ω
25Ω
50Ω
0.1μF
AIN
+
AIN
–
8.2pF
1μF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
T2
T1: MA/COM MABA-007159-000000
T2: COILCRAFT WBC1-1TL
RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
2270 F04
LTC2270
25Ω
25Ω
50Ω
0.1μF
AIN
+
AIN
–
1.8pF
1μF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
T2
T1: MA/COM MABA-007159-000000
T2: COILCRAFT WBC1-1TL
RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
2270 F05
LTC2270
25Ω
25Ω
200Ω
200Ω
0.1μF
AIN
+
AIN
–
1μF
12pF
12pF
VCM
LTC2270
2270 F06
–
–
+
+
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
0.1μF
25Ω
25Ω
AIN
+
AIN
–
1μF
25pF
25pF
VCM
LTC2270
2270 F07
–
+
+
–
ANALOG
INPUT
CM
Figure 6. Front-End Circuit Using a High Speed
Differential Amplifier
Figure 7. DC-Coupled Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com