Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 28Page - Linear Technology LTC6945 Datasheet HTML 29Page - Linear Technology LTC6945 Datasheet HTML 30Page - Linear Technology LTC6945 Datasheet HTML 31Page - Linear Technology LTC6945 Datasheet HTML 32Page - Linear Technology LTC6945 Datasheet HTML 33Page - Linear Technology LTC6945 Datasheet HTML 34Page - Linear Technology LTC6945 Datasheet HTML 35Page - Linear Technology LTC6945 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC2270
36
2270f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0812 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2160
16-Bit 25Msps 1.8V ADC, Ultralow Power
45mW, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
7mm × 7mm QFN-48
LTC2180
16-Bit 25Msps 1.8V Dual ADC, Ultralow Power 39mW/Ch, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
9mm × 9mm QFN-64
LTC2188
16-Bit 20Msps 1.8V Dual ADC, Ultralow Power 38mW/Ch, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
9mm × 9mm QFN-64
LTC2190
16-Bit 25Msps 1.8V Dual ADC, Ultralow Power 52mW/Ch, 77dB SNR, 90dB SFDR, Serial LVDS Outputs, 7mm × 8mm QFN-52
LTC2202/LTC2203
16-Bit 10Msps/25Msps 3.3V ADCs
140mW/220mW, 81.6dB SNR, 100dB SFDR, CMOS Outputs, 7mm × 7mm QFN-48
PLLs
LTC6946-x
Ultralow Noise and Spurious Integer-N
Synthesizer with Integrated VCO
3.7MHz to 5.7GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor –157dBc/Hz
Wideband Output Phase Noise Floor
LTC6945
Ultralow Noise and Spurious 0.35GHz to 6GHz
Integer-N Synthesizer
3.5GHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor –157dBc/Hz
Wideband Output Phase Noise Floor
Signal Chain Receivers
LTM9002
14-Bit, Dual Channel IF/Baseband μModule
Receiver
Dual ADC, Dual Amplifiers, Anti-Alias Filters and a Dual Trim DAC in
15mm × 11.25mm LGA
LTM9004
14-Bit, Direct Conversion μModule Receiver
I/Q Demodulator, Baseband Amplifiers, Lowpass Filters Up to 20MHz, Dual 14-Bit
125Msps ADC in 22mm × 15mm LGA
RF Mixers/Demodulators
LTC5569
300MHz to 4GHz Dual Active Downconverting
Mixer
High IIP3: 26.8dBm, 2dB Conversion Gain, Low Power: 3.3V/600mW, Integrated RF
Transformer for compact Footprint
LTC5584
30MHz to 1.4GHz Wideband I/Q Demodulator
I/Q Demodulation Bandwidth >530MHz, 31dBm IIP3, IIP2 Adjustable to >80dBm,
DC Offset Adjustable to Zero, 45dB Image Rejection
LTC5585
700MHz to 3GHz Wideband I/Q Demodulator
I/Q Demodulation Bandwidth >530MHz, 25.7dBm IIP3, IIP2 Adjustable to >80dBm,
DC Offset Adjustable to Zero, 43dB Image Rejection
Integral Non-Linearity (INL)
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.5
0.0
1.0
1.5
2.0
16384
32768
49152
65536
2270 TA05
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com