Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT240 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL74HCT240
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT240 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL74HCT240 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL74HCT240
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V
I
OUT
≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -Level
Input Voltage
VOUT= VCC-0.1 V
I
OUT
 ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High-Level
Output Voltage
VIN= VIL
I
OUT
 ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=VIL
I
OUT
 ≤ 6.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-Level
Output Voltage
VIN=VIH
I
OUT
 ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIH
I
OUT
 ≤ 6.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
IOZ
Maximum three State
Leakage Current
Output in High-Impedance
State
VIN = VIL or VIH
VOUT=VCC or GND
5.5
±0.5
±5.0
±10.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0
µA
5.5
4.0
40
160
µA
∆I
CC
Additional Quiescent
Supply Current
VIN = 2.4 V, Any One Input
VIN=VCC or GND, Other Inputs
≥-55°C
25
°C to
125
°C
mA
IOUT=0
µA
5.5
2.9
2.4
NOTE: Total Supply Current = ICC +
∑∆I
CC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com