Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HCT240 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT240
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT240 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT240 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT240 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT240
System Logic
Semiconductor
SLS
Octal 3-State Inverting Buffer/Line
Driver/Line Receiver
High-Performance Silicon-Gate CMOS
The SL74HCT240 is identical in pinout to the LS/ALS240. The
SL74HCT240 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
This octal inverting buffer/line driver/line receiver is designed to be
used with 3-state memory address drivers, clock drivers, and other bus-
oriented systems. The device has inverting outputs and two active-low
output enables.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT240N Plastic
SL74HCT240D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
L
L
H
L
H
L
H
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT240

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT241 SLS-SL74HCT241 Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT241D SLS-SL74HCT241D Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT241N SLS-SL74HCT241N Datasheet
51Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT244 SLS-SL74HCT244 Datasheet
47Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT244D SLS-SL74HCT244D Datasheet
47Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT240

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC240 INTEGRAL-IN74AC240 Datasheet
164Kb / 4P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT240 KODENSHI-KK74ACT240 Datasheet
280Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74HC240A KODENSHI-KK74HC240A Datasheet
230Kb / 6P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT240A KODENSHI-KK74HCT240A Datasheet
232Kb / 6P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT244A KODENSHI-KK74HCT244A Datasheet
299Kb / 6P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC240A IKSEMICON-IN74HC240A Datasheet
218Kb / 6P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT240A IKSEMICON-IN74HCT240A Datasheet
219Kb / 6P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74AC240 IKSEMICON-IN74AC240 Datasheet
214Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT240 IKSEMICON-IN74ACT240 Datasheet
268Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com