Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4271 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4271
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 22Page - Linear Technology LTC4271 Datasheet HTML 23Page - Linear Technology LTC4271 Datasheet HTML 24Page - Linear Technology LTC4271 Datasheet HTML 25Page - Linear Technology LTC4271 Datasheet HTML 26Page - Linear Technology LTC4271 Datasheet HTML 27Page - Linear Technology LTC4271 Datasheet HTML 28Page - Linear Technology LTC4271 Datasheet HTML 29Page - Linear Technology LTC4271 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LTC4266A/LTC4266C
29
4266acfc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
8/11
Changed Gate Typical voltage to 12V.
Changed SCL, SDAIN VIL to 1.0V (I2C compliance).
Table 4 (Class) reference and caption changed to Table 5.
Power Supplies and Bypassing section changed to –45 for Type 1 minimum and –51 for Type 2 minimum.
Related Parts Table CUT/LIM changed to ICUT/ILIM.
3, 14, 21
4
20
24
30
B
02/12
Change LTPoE++ power levels from 35W, 45W to 38.7W, 52.7W respectively
Revised MAX value for VILD I2C Input Low Voltage
Clarified AUTO pin mode relationship to reset pin
1, 2, 15, 17
4
18
C
08/12
Table 1: Changed twisted pair requirement from 2-pair to 4-pair for 38.7W and 52.7W
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com