Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4271 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4271
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 4 Page - Linear Technology

  LTC4271 Datasheet HTML 1Page - Linear Technology LTC4271 Datasheet HTML 2Page - Linear Technology LTC4271 Datasheet HTML 3Page - Linear Technology LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC4266A/LTC4266C
4
4266acfc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense
VCUT
Overcurrent Sense Voltage
VSENSEn – VEE
hpen = 0Fh, cutn[5:0] ≥ 4 (Note 12)
cutrng = 0
cutrng = 1
l
l
9
4.5
9.38
4.69
9.75
4.88
mV/LSB
mV/LSB
Overcurrent Sense in AUTO Pin Mode
Class 0, Class 3
Class 1
Class 2
Class 4
l
l
l
l
90
26
49
152
94
28
52
159
98
30
55
166
mV
mV
mV
mV
VLIM
Active Current Limit in 802.3af Compliant
Mode
VSENSEn – VEE, hpen = 0Fh, limn = 80h,
VEE = 55V (Note 12)
VEE < VOUT < AGND – 29V
AGND – VOUT = 0V
l
l
102
20
106
110
50
mV
mV
VLIM
Active Current Limit in High Power Mode
hpen = 0Fh, limn = C0h, VEE = 55V
VOUT – VEE = 0V to 10V
VEE + 23V < VOUT < AGND – 29V
AGND – VOUT = 0V
l
l
l
204
100
20
212
106
221
113
50
mV
mV
mV
VLIM
Active Current Limit in AUTO Pin Mode
VOUT – VEE = 0V to 10V, VEE = 55V
Class 0 to Class 3
Class 4
l
l
102
204
106
212
110
221
mV
mV
VMIN
DC Disconnect Sense Voltage
VSENSEn – VEE, rdis = 0
VSENSEn – VEE, rdis = 1
l
l
2.6
1.3
3.8
1.9
4.8
2.41
mV
mV
VSC
Short-Circuit Sense
VSENSEn – VEE – VLIM, rdis = 0
VSENSEn – VEE – VLIM, rdis = 1
l
l
160
75
200
100
255
135
mV
mV
Port Current ReadBack
Resolution
No Missing Codes, fast_iv = 0
14
Bits
LSB Weight
VSENSEn – VEE
30.5
μV/LSB
50Hz to 60Hz Noise Rejection
(Note 7)
30
dB
Port Voltage ReadBack
Resolution
No Missing Codes, fast_iv = 0
14
bits
LSB Weight
AGND – VOUTn
5.835
mV/LSB
50Hz to 60Hz Noise Rejection
(Note 7)
30
dB
Digital Interface
VILD
Digital Input Low Voltage
ADn, RESET, MSD, SHDNn, AUTO, MID
(Note 6)
l
0.8
V
I2C Input Low Voltage
SCL, SDAIN (Note 6)
l
0.8
V
VIHD
Digital Input High Voltage
(Note 6)
l
2.2
V
Digital Output Low Voltage
ISDAOUT = 3mA, IINT = 3mA
ISDAOUT = 5mA, IINT = 5mA
l
l
0.4
0.7
V
V
Internal Pull-Up to VDD
ADn, SHDNn, RESET, MSD
50
kΩ
Internal Pull-Down to DGND
AUTO, MID
50
kΩ
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 54V, AGND = DGND, and VDD – DGND = 3.3V
unless otherwise noted. (Notes 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com