Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4274C Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4274C
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274C Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4274C Datasheet HTML 9Page - Linear Technology LTC4274C Datasheet HTML 10Page - Linear Technology LTC4274C Datasheet HTML 11Page - Linear Technology LTC4274C Datasheet HTML 12Page - Linear Technology LTC4274C Datasheet HTML 13Page - Linear Technology LTC4274C Datasheet HTML 14Page - Linear Technology LTC4274C Datasheet HTML 15Page - Linear Technology LTC4274C Datasheet HTML 16Page - Linear Technology LTC4274C Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC4266A/LTC4266C
13
4266acfc
PIN FUNCTIONS
RESET: Chip Reset, Active Low. When the RESET pin is
low, the LTC4266A/LTC4266C is held inactive with all ports
off and all internal registers reset to their power-up states.
When RESET is pulled high, the LTC4266A/LTC4266C
begins normal operation. RESET can be connected to
an external capacitor or RC network to provide a power
turn-on delay. Internal filtering of the RESET pin prevents
glitches less than 1μs wide from resetting the LTC4266A/
LTC4266C. Internally pulled up to VDD.
MID: Midspan Mode Input. When high, the LTC4266A/
LTC4266C acts as a midspan device. Internally pulled
down to DGND.
INT: Interrupt Output, Open Drain. INT will pull low when
any one of several events occur in the LTC4266A/LTC4266C.
It will return to a high impedance state when bits 6 or 7
are set in the Reset PB register (1Ah). The INT signal can
be used to generate an interrupt to the host processor,
eliminating the need for continuous software polling.
Individual INT events can be disabled using the Int Mask
register (01h). See the LTC4266A/LTC4266C Software
Programming documentation for more information. The
INT pin is only updated between I2C transactions.
SCL: Serial Clock Input. High impedance clock input for the
I2C serial interface bus. SCL must be tied high if not used.
SDAOUT: Serial Data Output, Open Drain Data Output for
the I2C Serial Interface Bus. The LTC4266A/LTC4266C
uses two pins to implement the bidirectional SDA function
to simplify optoisolation of the I2C bus. To implement a
standard bidirectional SDA pin, tie SDAOUT and SDAIN
together. SDAOUT should be grounded or left floating if
not used. See the Applications Information section for
more information.
SDAIN: Serial Data Input. High impedance data input for
the I2C serial interface bus. The LTC4266A/LTC4266C
uses two pins to implement the bidirectional SDA function
to simplify optoisolation of the I2C bus. To implement a
standard bidirectional SDA pin, tie SDAOUT and SDAIN
together. SDAIN must be tied high if not used. See the
Applications Information section for more information.
AD3: Address Bit 3. Tie the address pins high or low to set
the I2C serial address to which the LTC4266A/LTC4266C
responds. This address will be 010A3A2A1A0b. Internally
pulled up to VDD.
AD2: Address Bit 2. See AD3.
AD1: Address Bit 1. See AD3.
AD0: Address Bit 0. See AD3.
NC, DNC: All pins identified with “NC” or “DNC” must be
left unconnected.
DGND: Digital Ground. DGND is the return for the VDD
supply.
VDD: Logic Power Supply. Connect to a 3.3V power supply
relative to DGND. VDD must be bypassed to DGND near
the LTC4266A/LTC4266C with at least a 0.1μF capacitor.
SHDN1: Shutdown Port 1, Active Low. When pulled low,
SHDN1 shuts down port 1, regardless of the state of the
internal registers. Pulling SHDN1 low is equivalent to set-
ting the Reset Port 1 bit in the Reset Pushbutton register
(1Ah). Internal filtering of the SHDN1 pin prevents glitches
less than 1μs wide from resetting the port. Internally pulled
up to VDD.
SHDN2: Shutdown Port 2, Active Low. See SHDN1.
SHDN3: Shutdown Port 3, Active Low. See SHDN1.
SHDN4: Shutdown Port 4, Active Low. See SHDN1.
AGND: Analog Ground. AGND is the return for the VEE
supply.
SENSE4: Port 4 Current Sense Input. SENSE4 monitors
the external MOSFET current via a 0.5Ω or 0.25Ω sense
resistor between SENSE4 and VEE. Whenever the voltage
across the sense resistor exceeds the overcurrent detection
threshold VCUT, the current limit fault timer counts up. If
the voltage across the sense resistor reaches the current
limit threshold VLIM, the GATE4 pin voltage is lowered to
maintain constant current in the external MOSFET. See
the Applications Information section for further details.
If the port is unused, the SENSE4 pin must be tied to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com