Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4274C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4274C
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4274C Datasheet HTML 17Page - Linear Technology LTC4274C Datasheet HTML 18Page - Linear Technology LTC4274C Datasheet HTML 19Page - Linear Technology LTC4274C Datasheet HTML 20Page - Linear Technology LTC4274C Datasheet HTML 21Page - Linear Technology LTC4274C Datasheet HTML 22Page - Linear Technology LTC4274C Datasheet HTML 23Page - Linear Technology LTC4274C Datasheet HTML 24Page - Linear Technology LTC4274C Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC4266A/LTC4266C
21
4266acfc
APPLICATIONS INFORMATION
802.3at 2-Event Classification
The 802.3at specification defines two methods of classify-
ing a Type 2 PD. The LTC4266A supports 802.3at 2-event
classification. The LTC4266C does not support 2-event
classification.
One method adds extra fields to the Ethernet LLDP data
protocol; although the LTC4266A/LTC4266C is compatible
with this classification method, it cannot perform clas-
sification directly since it doesn’t have access to the data
path. LLDP classification requires the PSE to power the
PD as a standard 802.3af (Type 1) device. It then waits
for the host to perform LLDP communication with the PD
and update the PSE port data. The LTC4266A/LTC4266C
supports changing the ILIM and ICUT levels on the fly, al-
lowing the host to complete LLDP classification.
The second 802.3at classification method, known as
2-event classification or ping-pong, is supported by the
LTC4266A. A Type 2 PD that is requesting more than 13W
will indicate Class 4 during normal 802.3af classification.
If the LTC4266A sees Class 4, it forces the port to a speci-
fied lower voltage (called the mark voltage, typically 9V),
pauses briefly, and then re-runs classification to verify the
Class 4 reading (Figure 1). It also sets a bit in the High
Power Status register to indicate that it ran the second
classification cycle. The second cycle alerts the PD that
it is connected to a Type 2 PSE which can supply Type 2
power levels.
2-event ping-pong classification is enabled by setting a bit
in the port’s High Power Mode register. Note that a ping-
pong enabled port only runs the second classification cycle
when it detects a Class 4 device; if the first cycle returns
Class 0 to 3, the port assumes it is connected to a Type 1
PD and does not run the second classification cycle.
Invalid Type 2 Class Combinations
The 802.3at specification defines a Type 2 PD class sig-
nature as two consecutive Class 4 results; a Class 4 fol-
lowed by a Class 0-3 is not a valid signature. In AUTO pin
mode, the LTC4266A will power a detected PD regardless
of the classification results, with one exception: if the PD
presents an invalid Type 2 signature (Class 4 followed by
Class 0 to 3), the LTC4266A will not provide power and
will restart the detection process. To aid in diagnosis, the
Port Status register will always report the results of the
last class pulse, so, for example, an invalid Class 4–Class 2
combination would report a second class pulse was run
in the High Power Status register (which implies that the
first cycle found Class 4), and Class 2 in the Port Status
register.
POWER CONTROL
External MOSFET, Sense Resistor Summary
The primary function of the LTC4266A/LTC4266C is to
control the delivery of power to the PSE port. It does this
by controlling the gate drive voltage of an external power
MOSFET while monitoring the current via an external
sense resistor and the output voltage at the OUT pin. This
circuitry serves to couple the raw VEE input supply to the
port in a controlled manner that satisfies the PD’s power
needs while minimizing power dissipation in the MOSFET
and disturbances on the VEE backplane.
The LTC4266A/LTC4266C is designed to use 0.25Ω sense
resistors to minimize power dissipation. It also supports
0.5Ω sense resistors, which are the default when LTC4258/
LTC4259A compatibility is desired.
Inrush Control
Once the command has been given to turn on a port, the
LTC4266A/LTC4266C ramps up the GATE pin of that port’s
external MOSFET in a controlled manner. Under normal
power-up circumstances, the MOSFET gate will rise until
the port current reaches the inrush current limit level
(typically 450mA), at which point the GATE pin will be
servoed to maintain the specified IINRUSH current. During
this inrush period, a timer (tSTART) runs. When output
charging is complete, the port current will fall and the GATE
pin will be allowed to continue rising to fully enhance the
MOSFET and minimize its on-resistance. The final VGS is
nominally 12V. The inrush period is maintained until the
tSTART timer expires. At this time if the inrush current limit
level is still exceeded the port will be turned back off and
a tSTART fault reported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com